Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS952011
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS952011 Datasheet HTML 3Page - Integrated Circuit Systems ICS952011 Datasheet HTML 4Page - Integrated Circuit Systems ICS952011 Datasheet HTML 5Page - Integrated Circuit Systems ICS952011 Datasheet HTML 6Page - Integrated Circuit Systems ICS952011 Datasheet HTML 7Page - Integrated Circuit Systems ICS952011 Datasheet HTML 8Page - Integrated Circuit Systems ICS952011 Datasheet HTML 9Page - Integrated Circuit Systems ICS952011 Datasheet HTML 10Page - Integrated Circuit Systems ICS952011 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Table1: QuadRom Frequency Selection Table (Continued)
B24
B24
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
SDR
AGP
PCI
ZCLK
Bit6
Bit5
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
MHz
0
1
0
0
0
0
0
100.00
100.00
66.66
33.33
66.66
0
1
0
0
0
0
1
100.00
133.33
66.66
33.33
66.66
0
1
0
0
0
1
0
100.00
200.00
66.66
33.33
66.66
0
1
0
0
0
1
1
100.00
166.67
66.66
33.33
66.66
0
1
0
0
1
0
0
133.33
100.00
66.66
33.33
66.66
0
1
0
0
1
0
1
133.33
133.33
66.66
33.33
66.66
0
1
0
0
1
1
0
133.33
200.00
66.66
33.33
66.66
0
1
0
0
1
1
1
133.33
166.67
66.66
33.33
66.66
0
1
0
1
0
0
0
200.00
100.00
66.66
33.33
66.66
0
1
0
1
0
0
1
200.00
133.33
66.66
33.33
66.66
0
1
0
1
0
1
0
200.00
200.00
66.66
33.33
66.66
0
1
0
1
0
1
1
200.00
160.00
66.66
33.33
66.66
0
1
0
1
1
0
0
166.66
100.00
66.66
33.33
66.66
0
1
0
1
1
0
1
166.67
133.33
66.66
33.33
66.66
0
1
0
1
1
1
0
160.00
200.00
66.66
33.33
66.66
0
1
0
1
1
1
1
166.67
166.67
66.66
33.33
66.66
0
1
1
0
0
0
0
100.00
100.00
66.66
33.33
133.33
0
1
1
0
0
0
1
100.00
133.33
66.66
33.33
133.33
0
1
1
0
0
1
0
100.00
200.00
66.66
33.33
133.33
0
1
1
0
0
1
1
100.00
166.67
66.66
33.33
133.33
0
1
1
0
1
0
0
133.33
100.00
66.66
33.33
133.33
0
1
1
0
1
0
1
133.33
133.33
66.66
33.33
133.33
0
1
1
0
1
1
0
133.33
200.00
66.66
33.33
133.33
0
1
1
0
1
1
1
133.33
166.67
66.66
33.33
133.33
0
1
1
0
0
0
0
200.00
100.00
66.66
33.33
133.33
0
1
1
0
0
0
1
200.00
133.33
66.66
33.33
133.33
0
1
1
0
0
1
0
200.00
200.00
66.66
33.33
133.33
0
1
1
0
0
1
1
200.00
160.00
66.66
33.33
133.33
0
1
1
1
1
0
0
166.66
100.00
66.66
33.33
133.33
0
1
1
1
1
0
1
166.67
133.33
66.66
33.33
133.33
0
1
1
1
1
1
0
160.00
200.00
66.66
33.33
133.33
0
1
1
1
1
1
1
166.67
166.67
66.66
33.33
133.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com