Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011YFT Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS952011YFT
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011YFT Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS952011YFT Datasheet HTML 14Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 15Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 16Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 17Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 18Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 19Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 20Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 21Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
I
2C Table: Slew Rate Control Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
24/48Slw1
RW
-
-
0
Bit 6
24/48Slw0
RW
-
-
0
Bit 5
AGPSlw1
RW
-
-
0
Bit 4
AGPSlw0
RW
-
-
0
Bit 3
ZCLKSlw1
RW
-
-
0
Bit 2
ZCLKSlw0
RW
-
-
0
Bit 1
REFSlw1
RW
-
-
0
Bit 0
REFSlw0
RW
-
-
0
I
2C Table: Slew Rate Control Register
Control
Function
Bit 7
SDSlw1
RW
-
-
0
Bit 6
SDSlw0
RW
-
-
0
Bit 5
AGPCLK1
Output Control
RW
Disable
Enable
1
Bit 4
AGPCLK0
Output Control
RW
Disable
Enable
1
Bit 3
PCI_FSlw1
RW
-
-
0
Bit 2
PCI_FSlw0
RW
-
-
0
Bit 1
PCISlw1
RW
-
-
0
Bit 0
PCISlw0
RW
-
-
0
I
2C Table: Output Control Register
Control
Function
Bit 7
MultSel1
IREF X plier Control
RW
0
Bit 6
SEL24_48
24MHz or 48MHz
RW
48MHz
24MHz
1
Bit 5
SDRAM_OUT
Output Control
RW
Disable
Enable
1
Bit 4
12_48MHz
Output Control
RW
Disable
Enable
1
Bit 3
24_48MHz
Output Control
RW
Disable
Enable
1
Bit 2
REF2
Output Control
RW
Disable
Enable
1
Bit 1
REF1
Output Control
RW
Disable
Enable
1
Bit 0
REF0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Control
Function
Bit 7
SEL12_48
12MHz or 48MHz
RW
48MHz
12MHz
0
Bit 6
FS6
Freq Select bit 6
RW
0
Bit 5
FS5
Freq Select bit 5
RW
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
STOP_PD Swap
Swap CPU_STOP# and
PD# location
RW
Stop-Pin33
PD#-Pin45
Stop-Pin45
PD#-Pin33
1
Bit 2
SS_SEL
SS Scheme Select1
RW
0
Bit 1
SS_SEL
SS Scheme Select1
RW
0
Bit 0
MultSel0
IREF X plier Control
RW
1
See Table 6: MultSel
Selection Table
Byte 21
-
-
-
-
24/48 Slew Rate Control
AGP Slew Rate Control
-
-
-
-
ZCLK Slew Rate Control
REF Slew Rate Control
PWD
-
-
Byte 22
Pin #
Name
Type
1
0
30
31
-
-
-
-
1
0PWD
-
Byte 23
Pin #
Name
Type
See Table 6
4
3
2
26
47
27
26
45,33
-
-
-
-
See Table 1
-
PWD
27
Byte 24
Pin #
Name
Type
See Table 2: Spread
Spectrum Selection Table
PCI Slew Rate Control
PCI_F Slew Rate Control
SD Slew Rate Control
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com