Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011YFT Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS952011YFT
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011YFT Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS952011YFT Datasheet HTML 17Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 18Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 19Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 20Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 21Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 22Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 23Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 24Page - Integrated Circuit Systems ICS952011YFT Datasheet HTML 25Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Electrical Characteristics - ZCLK
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.36
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.37
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
52.3
55
%
Skew
tsk1
1
VT = 1.5 V
15
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66
201
250
ps
Electrical Characteristics - CPUCLKT/C
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source
Output Impedance
Zo
1
VO = Vx
3000
Ω
Voltage HighVHigh
660
757
850
Voltage Low
VLow
-150
9
150
Max Voltage
Vovs
775
1150
Min Voltage
Vuds
-450
-3
Crossing Voltage
(abs)
Vcross(abs)
250
386
550
mV
Crossing Voltage
(var)
d-Vcross
Variation of crossing over all edges
42
140
mV
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
300
700
ps
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
280
700
ps
Rise Time Variation
d-tr
125
ps
Fall Time Variation
d-tf
125
ps
Duty Cycle
dt3
Measurement from differential wavefrom
45
50
55
%
Skew
tsk3
VT = 50%
32
100
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50%
43
150
ps
Statistical measurement on single ended
signal using oscilloscope math function.
mV
Measurement on single ended signal using
absolute value.
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com