Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2136D Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2136D
Description  3-PHASE BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2136D Datasheet(HTML) 2 Page - International Rectifier

  IRS2136D Datasheet HTML 1Page - International Rectifier IRS2136D Datasheet HTML 2Page - International Rectifier IRS2136D Datasheet HTML 3Page - International Rectifier IRS2136D Datasheet HTML 4Page - International Rectifier IRS2136D Datasheet HTML 5Page - International Rectifier IRS2136D Datasheet HTML 6Page - International Rectifier IRS2136D Datasheet HTML 7Page - International Rectifier IRS2136D Datasheet HTML 8Page - International Rectifier IRS2136D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.irf.com
2
IRS213(6,62,63,65,66,67,68)D(J&S)PbF
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Recommended Operating Conditions
The input/output logic-timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute referenced to COM. The VS & VSS offset ratings are tested
with all supplies biased at a 15 V differential.
Symbol
Definition
Min.
Max.
Units
IRS213(6,68)D
VS1,2,3 +10
VS1,2,3 + 20
IRS21362D
VS1,2,3 +11.5
VS1,2,3 + 20
VB1,2,3
High side floating supply voltage
IRS213(6,63,65,66,67)D
VS1,2,3 +12
VS1,2,3 + 20
VS 1,2,3
High side floating supply voltage
Note 1
600
IRS213(6,68)D
10
20
IRS21362D
11.5
20
VCC
Low side supply voltage
IRS213(6,63,65,66,67)D
12
20
VHO 1,2,3
High side output voltage
VS1,2,3
VB1,2,3
VLO1,2,3
Low side output voltage
0
VCC
VSS
Logic ground
-5
5
VFLT
FAULT output voltage
VSS
VCC
VRCIN
RCIN input voltage
VSS
VCC
V
Note 1:
Logic operational for VS of (COM - 8 V) to (COM + 600 V). Logic state held for VS of (COM - 8 V) to (COM – VBS).
(Please refer to the Design Tip DT97-3 for more details).
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
VB 1,2,3 - 20 VB 1,2,3 + 0.3
VB
High side floating supply voltage
-0.3
620
VHO1,2,3
High side floating output voltage
VS1,2,3 - 0.3 VB 1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
20
VSS
Logic ground
VCC - 20
VCC + 0.3
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Input voltage LIN, HIN, ITRIP, EN, RCIN
VSS -0.3
VCC + 0.3
VFLT
FAULT output voltage
VSS -0.3
VCC + 0.3
V
dV/dt
Allowable offset voltage slew rate
—
50
V/ns
(28 lead PDIP)
—
1.5
(28 lead SOIC)
—
1.6
PD
Package power dissipation
@ TA ≤ +25 °C
(44 lead PLCC)
—
2.0
W
(28 lead PDIP)
—
83
(28 lead SOIC)
—
78
RthJA
Thermal resistance, junction to
ambient
(44 lead PLCC)
—
63
°C/W
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com