Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2136D Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2136D
Description  3-PHASE BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2136D Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2136D Datasheet HTML 9Page - International Rectifier IRS2136D Datasheet HTML 10Page - International Rectifier IRS2136D Datasheet HTML 11Page - International Rectifier IRS2136D Datasheet HTML 12Page - International Rectifier IRS2136D Datasheet HTML 13Page - International Rectifier IRS2136D Datasheet HTML 14Page - International Rectifier IRS2136D Datasheet HTML 15Page - International Rectifier IRS2136D Datasheet HTML 16Page - International Rectifier IRS2136D Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.irf.com
13
IRS213(6,62,63,65,66,67,68)D(J&S)PbF
Functional Block Diagram
VCC
VBS
ITRIP
ENABLE
FAULT
LO1,2,3
HO1,2,3
<UVCC
X
X
X
0 (note 1)
0
0
15 V
<UVBS
0 V
5 V
high imp
LIN1,2,3
0 (note 2)
15 V
15 V
0 V
5 V
high imp
LIN1,2,3
HIN1,2,3
15 V
15 V
>VITRIP
5 V
0 (note 3)
0
0
15 V
15 V
0 V
0 V
high imp
0
0
Note 1:
A shoot-through prevention logic prevents LO1,2,3 and HO1,2,3 for each channel from turning on
simultaneously.
Note 2:
UVCC is not latched, when VCC > UVCC, FAULT returns to high impedance.
Note 3:
When VBS < UVBS, HO goes low. After VBS goes higher than UVBS, HO stays low until a new falling
IRS213(6,63,65,66,67,68)D or rising IRS21362D transition of HIN.
Note 4:
When ITRIP < VITRIP, FAULT returns to high-impedance after RCIN pin becomes greater than 8 V
(@ VCC = 15 V).
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com