Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL15C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL15C
Description  5Vin and 12Vin single output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15C Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL15C Datasheet HTML 1Page - Artesyn Technologies SIL15C Datasheet HTML 2Page - Artesyn Technologies SIL15C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
C Class Non-isolated
1
2 YEAR WARRANTY
SIL15C Series
5Vin and 12Vin single output
• 15A current rating
• Input voltage range: 4.5V - 5.5V or 10.2V - 13.8V
• Output voltage range: 0.9V - 5.0V
• Industry leading value
• Cost optimised design
• Excellent transient response
• Output Voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of >7 million hrs
per Telcordia SR-332
The SIL15C Series is a new high density open frame non-isolated converter for space-
sensitive applications. Each model has a wide input range (4.5V to 5.5V or 10.2V to
13.8V) and offer a wide 0.9V to 3.3V/5V output voltage range with a 15A load. An external
resistor adjusts the output voltage from its pre-set value of 0.9V to any value up to the
maximum allowed value for that model. Typical efficiencies are 89% for the 5V input
version and 91% for the 12V input version. The SIL15C series offers remote ON/OFF and
over-current protection as standard. With full international safety approval including
EN60950 and
UL/cUL60950, the SIL15C reduces compliance costs and time to market.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
5V input models
0.9V to 3.3V
(See Note 5)
12V input models
0.9V to 5.0V
Output setpoint accuracy With 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±0.5% max.
Min/max load
0A/15A
Overshoot
5V input models
3% max.
(at turn on)
12V input models
1% max.
Undershoot
100mV max.
Ripple and noise
(See Note 1)
See table
5Hz to 20MHz
Transient response
Deviation
100mV
(See Note 2)
200µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
5V input model
4.5 to 5.5VDC
12V input model
10.2 to 13.8VDC
Input current
Minimum load
65mA
Remote OFF
20mA
Input current (max.)
5V input model
11.5A @ Io max.
(See Note 3)
12V input model
8.1A @ Io max.
Input reflected ripple
5V input model
200mA (pk-pk)
(See Note 4)
12V input model
200mA (pk-pk)
Remote ON/OFF
Logic compatibility
Active high
ON
>2.4VDC
OFF
<0.8VDC
Start-up time
Power up
<20ms
(See Note 9)
Remote ON/OFF
<20ms
File Name: SIL15C.PDF Rev: 04 Mar 2003
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 file No. E139421
TÜV
TÜV Product Service (EN60950) Certificate No. B0211 19870 205
CB report and certificate to IEC60950
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
5Vin
4.5VDC
12Vin
9.0VDC
Turn OFF threshold
5Vin
4.3VDC
12Vin
7.5VDC
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching frequency
Fixed
200kHz
Approvals and
(See Note 4)
TÜV Product Services
standards (pending)
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
14.2g (0.5oz)
MTBF
Telcordia SR-332
7,817,294 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0ºC to +80ºC
(See Note 8)
temperature
Non-operating
-40ºC to +125ºC
PROTECTION
Short-circuit protection
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 11)
270µF/20mΩ esr max.
Output capacitance
(See Note 11)
680µF/10mΩ esr max.


Similar Part No. - SIL15C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL15C-00SADJ-HJ ARTESYN-SIL15C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL15C-00SADJ-VJ ARTESYN-SIL15C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL15C-05SADJ-VJ EMERSON-NETWORKPOWER-SIL15C-05SADJ-VJ Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C-12SADJ-VJ EMERSON-NETWORKPOWER-SIL15C-12SADJ-VJ Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL15C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
Single and dual output
logo
International Rectifier
IRDCIP1001-B IRF-IRDCIP1001-B Datasheet
586Kb / 6P
200kHz to 300kHz, 20A, 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001
logo
Murata Manufacturing Co...
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
logo
Emerson Network Power
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
Single and quad output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
Single and Dual Output
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
SINGLE and DUAL Output
logo
Wall Industries,Inc.
DMW WALL-DMW_16 Datasheet
294Kb / 6P
Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com