Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD1010331M025 Datasheet(PDF) 2 Page - AVX Corporation

Part # RHD1010331M025
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHD1010331M025 Datasheet(HTML) 2 Page - AVX Corporation

  RHD1010331M025 Datasheet HTML 1Page - AVX Corporation RHD1010331M025 Datasheet HTML 2Page - AVX Corporation RHD1010331M025 Datasheet HTML 3Page - AVX Corporation RHD1010331M025 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
35
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
RHD Series
CAPACITANCE AND RATED VOLTAGE RANGE (FIGURES DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (V
R)
µF
Code
25V
35V
50V
63V
80V
15
150
0608
22
220
0608
33
330
0810
47
470
0605
0810
0814
56
560
1010
68
680
0608
100
101
0607
1010
120
121
0810
220
221
0810
1010
330
331
1010
470
471
1012
Released ratings
RATINGS & PART NUMBER REFERENCE
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DCL Max.
(µA)
DF Max.
(%)
ESR Max.
@100kHz (mΩ)
100kHz RMS Current
(mA)
25 Volt
RHD0607101M025*
0607
100
25
25
12
35
1200
RHD0810221M025*
0810
220
25
55
12
27
1400
RHD1010331M025*
1010
330
25
82.5
12
25
1800
RHD1012471M025*
1012
470
25
117.5
12
20
2000
35 Volt
RHD0605470M035*
0605
47
35
16.5
12
40
1100
RHD0608680M035*
0608
68
35
23.8
12
40
1200
RHD0810121M035*
0810
120
35
42
12
35
1400
RHD1010221M035*
1010
220
35
77
12
30
1800
50 Volt
RHD0608220M050*
0608
22
50
11
12
90
900
RHD0810470M050*
0810
47
50
23.5
12
35
1100
RHD1010101M050*
1010
100
50
50
12
35
1400
63 Volt
RHD0608150M063*
0608
15
63
9.5
12
100
800
RHD0810330M063*
0810
33
63
20.8
12
50
1000
RHD1010560M063*
1010
56
63
35.3
12
40
1200
80 Volt
RHD0814470M080*
0814
47
80
37.6
12
40
1000
* Used to denote packing type: “K” for Ammo Pack or “B” for Bulk.
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes
TDS-ALUM-0017 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com