Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD1010331M025 Datasheet(PDF) 1 Page - AVX Corporation

Part # RHD1010331M025
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHD1010331M025 Datasheet(HTML) 1 Page - AVX Corporation

  RHD1010331M025 Datasheet HTML 1Page - AVX Corporation RHD1010331M025 Datasheet HTML 2Page - AVX Corporation RHD1010331M025 Datasheet HTML 3Page - AVX Corporation RHD1010331M025 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
34
TECHNICAL SPECIFICATIONS
Category Temperature Range:
-55°C to +125°C
Capacitance Range
At 25°C, 120Hz
15μF to 470μF
Capacitance Tolerance:
At 25°C, 120Hz
±20%
Dissipation Factor (%)
Measurement Frequency:
120Hz at 25°C
Please see the ratings and part
number reference table below
Leakage Current:
After 2 minutes at rated
working voltage at 25°C*
I
=0.01CVor3μA,whicheveris
greater
* Note: In the case of an anomalous reading, re-measure the leakage current after following voltage treatment:
Voltage treatment: DC rated voltage to be applied to the capacitors for 120 minutes at 125°C.
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
RHD Series
FEATURES
• Low ESR, high ripple current resistant
• Endurance: 4000 hours at 125°C
• RoHS Compliance
APPLICATIONS
• Industrial electronics
• Base station equipment and power supplies
LEAD-FREE COMPATIBLE
COMPONENT
Product Type
Aluminum
Series Type
Case Size
See table below
Capacitance Code
µF code: 1st two digits represent significant figures,
3rd digit represents multiplier (number of zeros to follow)
Tolerance
M = ±20%
HOW TO ORDER
R
HD
1012
471
M
025
K
-
Special
No Code = std
Packaging
K = Ammo Pack
B = Bulk Pack
Rated DC Voltage
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
063 = 63Vdc
080 = 80Vdc
CASE DIMENSIONS millimeters (inches)
Code
D'-0.10(0.004)+0.50(0.020) L'-0.50(0.020)+1.00(0.039)
d±0.05 (0.002)
F±0.50 (0.020)
0605
6.30 (0.248)
5.00 (0.197)
0.50 (0.020)
2.50 (0.098)
0607
6.30 (0.248)
7.00 (0.276)
0.50 (0.020)
2.50 (0.098)
0608
6.30 (0.248)
8.00 (0.315)
0.50 (0.020)
2.50 (0.098)
0810
8.00 (0.315)
10.00 (0.394)
0.60 (0.024)
3.50 (0.138)
0814
8.00 (0.315)
14.00 (0.551)
0.60 (0.024)
3.50 (0.138)
1010
10.00 (0.394)
10.00 (0.394)
0.60 (0.024)
5.00 (0.197)
1012
10.00 (0.394)
12.00 (0.472)
0.60 (0.024)
5.00 (0.197)
MARKING
D-PN Code + XXX-ID Code
Polarity
Band
Cathode -
Voltage
(Code as in p/n)
KYOCERA
AVX Logo
Capacitance
(Code as in p/n)
DXXX
471
025
TDS-ALUM-0017 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - RHD1010331M025

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
RHD1-6 MULTICOMP-RHD1-6 Datasheet
191Kb / 1P
Ring Crimp Terminal
11/01/13 V1.0
More results

Similar Description - RHD1010331M025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Panasonic Battery Group
EEU-FR1A101B PANASONICBATTERY-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors LCD backlighting
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF AVX-REF Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RPA AVX-RPA Datasheet
344Kb / 4P
Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com