Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA1010331M025 Datasheet(PDF) 4 Page - AVX Corporation

Part # RPA1010331M025
Description  Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RPA1010331M025 Datasheet(HTML) 4 Page - AVX Corporation

  RPA1010331M025 Datasheet HTML 1Page - AVX Corporation RPA1010331M025 Datasheet HTML 2Page - AVX Corporation RPA1010331M025 Datasheet HTML 3Page - AVX Corporation RPA1010331M025 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
41
Radial Leaded Aluminum Conductive
Polymer Electrolytic Capacitors
RPA Series
STORAGE
1. It is recommended to keep capacitors between the ambient temperatures of 5°C to 35°C and a relative humidity of 75% or below.
2. Confirm that the environment does not have any of the following conditions:
• Damp conditions such as water, saltwater spray, or oil spray or fumes. High humidity or humidity condensation situations.
• In an atmosphere filled with toxic gasses (such as hydrogen sulfide, sulfurous acid, nitrous acid, chlorine, ammonia, etc.).
• Being exposed to direct sunlight, ozone, ultraviolet ray, or radiation.
• Being exposed to acidic or alkaline solutions.
• Under severe conditions where vibration and / or mechanical shock exceed the applicable ranges of the specification.
3.
Category
Description
Storage Life
Mid-High Voltage
160V and above 2yrs, after 1yr, needs to check characteristics, if NG, needs to do aging
Low Voltage
120V and below 2yrs
PACKAGE TAPE DIMENSIONS units (mm)
AMMO PACKING
Ammo Pack
Size Code
W±5
L±5
H±5
Qty.
(pcs)
G.W.
kg/box
Box
/Carton
0606-0609
235
327
54
1500
1.12
10
0808-0812
265
327
51
1000
1.48
10
1010-1012
235
330
57
600
1.29
10
BULK PACKING
Package Box
Size Code
Bags Inner box
Layer Quantity
Quantity (pcs/bag)
Total quantity (pcs/
carton)
0606
10
2
1000
20,000
0608-0609
9
2
1000
18,000
0808-0812
10
2
500
10,000
1010-1012
11
2
200
4400
TDS-ALUM-0018 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com