Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA1010331M025 Datasheet(PDF) 1 Page - AVX Corporation

Part # RPA1010331M025
Description  Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RPA1010331M025 Datasheet(HTML) 1 Page - AVX Corporation

  RPA1010331M025 Datasheet HTML 1Page - AVX Corporation RPA1010331M025 Datasheet HTML 2Page - AVX Corporation RPA1010331M025 Datasheet HTML 3Page - AVX Corporation RPA1010331M025 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
38
TECHNICAL SPECIFICATIONS
Category Temperature Range:
-55ºC to +105°C
Capacitance Range
At 25°C,120Hz
10μF to 2200μF
Capacitance Tolerance:
At 25°C,120Hz
±20%
Dissipation Factor (%)
Measurement Frequency:
120Hz at 25°C
Please see the ratings and part
number reference table below
Leakage Current:
After 2 minutes at rated
working voltage at 25°C*
I
≦0.2CVor300μA,whicheveris
greater
* Note: In the case of an anomalous reading, re-measure the leakage current after following voltage treatment:
Voltage treatment: DC rated voltage to be applied to the capacitors for 120 minutes at 105°C.
Radial Leaded Aluminum Conductive
Polymer Electrolytic Capacitors
RPA Series
TDS-ALUM-0018 | Rev 0
FEATURES
• Super Low ESR, High ripple current capability
• Endurance: 105°C, 5000 hours
• RoHS and Halogen Free Compliance
APPLICATIONS
• Servers, LCD TV, power inverter, etc.
LEAD-FREE COMPATIBLE
COMPONENT
Product Type
Aluminum
Series Type
Case Size
See table below
Capacitance Code
µF code: 1st two digits represent significant figures, 3rd digit
represents multiplier (number of zeros to follow)
Tolerance
M = ±20%
HOW TO ORDER
R
PA
0812
471
M
016
K
-
Special
No Code = std
Packaging
K = Ammo Pack
B = Bulk Pack
Rated DC Voltage
002 = 2.5Vdc
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
CASE DIMENSIONS millimeters (inches)
Code
D±0.50 (0.020)
L±1.50 (0.060)
d±0.05 (0.002)
P±0.50 (0.020)
0606
6.30 (0.248)
6.00 (0.236)
0.45 (0.018)
2.50 (0.098)
0608
6.30 (0.248)
8.00 (0.315)
0.50 (0.020)
2.50 (0.098)
0609
6.30 (0.248)
9.00 (0.354)
0.50 (0.020)
2.50 (0.098)
0808
8.00 (0.315)
8.00 (0.315)
0.60 (0.024)
3.50 (0.138)
0812
8.00 (0.315)
12.00 (0.472)
0.60 (0.024)
3.50 (0.138)
1010
10.00 (0.394)
10.00 (0.394)
0.60 (0.024)
5.00 (0.197)
1012
10.00 (0.394)
12.00 (0.472)
0.60 (0.024)
5.00 (0.197)
MARKING
A-PN Code + XXX-ID Code
Polarity
Band
Cathode -
Voltage
(Code as in p/n)
KYOCERA
AVX Logo
Capacitance
(Code as in p/n)
AXXX
471
016
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - RPA1010331M025

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPA100H-11012SRUW RECOM-RPA100H-11012SRUW Datasheet
811Kb / 10P
100 Watt Half Brick Single Output
RPA100H-11012SRUW RECOM-RPA100H-11012SRUW Datasheet
2Mb / 11P
100 Watt Half Brick Single Output
RPA100H-11015SRUW RECOM-RPA100H-11015SRUW Datasheet
2Mb / 11P
100 Watt Half Brick Single Output
RPA100H-11024SRUW RECOM-RPA100H-11024SRUW Datasheet
811Kb / 10P
100 Watt Half Brick Single Output
RPA100H-11024SRUW RECOM-RPA100H-11024SRUW Datasheet
2Mb / 11P
100 Watt Half Brick Single Output
More results

Similar Description - RPA1010331M025

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCS0G121R PANASONIC-EEFCS0G121R Datasheet
61Kb / 3P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFGX0D331R PANASONIC-EEFGX0D331R_16 Datasheet
57Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFHX0D471R PANASONIC-EEFHX0D471R Datasheet
52Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFSR0D221R PANASONIC-EEFSR0D221R Datasheet
57Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFCS1C150P PANASONIC-EEFCS1C150P Datasheet
61Kb / 3P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
61Kb / 3P
Conductive Polymer Aluminum Electrolytic Capacitors
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFGY0D821R PANASONIC-EEFGY0D821R Datasheet
396Kb / 6P
Conductive Polymer Aluminum Electrolytic Capacitors
JX-SERIES PANASONIC-JX-SERIES Datasheet
550Kb / 7P
Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com