Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DIO32HS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # USB-DIO32HS
Description  High-Speed Digital I/O
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-DIO32HS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  USB-DIO32HS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Measurement Computing
(508) 946-5100
3
info@mccdaq.com
mccdaq.com
USB-DIO32HS
Specifications
Specifications
These specifications apply to both USB-DIO32HS standard and OEM versions
unless noted otherwise.
Digital Input/Output
Digital type: TTL
Number of I/O: 32 (2 ports of 16 bits)
Configuration: Bit-configurable as input (power on default) or output
Pull-up configuration: Each port has two 47 kΩ resistors configurable as a pull-up
or pull-down (default) with an internal jumper.
Jumper W3: configures port 0 bit 0 to bit 7
Jumper W4: configures port 0 bit 8 to bit 15
Jumper W5: configures port 1 bit 0 to bit 7
Jumper W6: configures port 1 bit 8 to bit 15
Digital I/O transfer rate
System-paced, asynchronous: 33 to 8000 port reads/writes or single bit reads/
writes per second typical, system dependent.
Synchronous: 0.022 Hz to 8 MHz, based on the internal clock speed of 96 MHz
Digital input pacing: Onboard clock, external input scan clock (ICLKI)
Digital input trigger source: External single channel digital trigger (TRIG) or
Pattern Detection
Digital output pacing: Onboard clock, external output scan clock (OCLKI)
Digital output trigger source: External single channel digital trigger (TRIG) or
Pattern Detection
Input high voltage: 2.0 V min, 5.0 V absolute max
Input low voltage: 0.8 V max, 0 V recommended min
Output high voltage: 4.4 V min (IOH = –50 µA), 2.96 V min (IOH = –24 mA)
Output low voltage: 0.1 V max (IOL = 50 µA), 0.77 V max (IOL = 10 mA)
Output current: 24 mA source, 10 mA sink max per pin, constrained to 384 mA
across all output pins (digital outputs, pacer clock outputs, and +VO)
Pattern Trigger
Trigger source: Port 0 or Port 1
Trigger types: Above pattern, Below pattern, Equal pattern, or Not equal pattern
Trigger stability: Digital port must be stable for 31.25 ns to be recognized as a pattern
Trigger bit width: Up to 16, adjustable through bitmask
Trigger latency: Up to 1 scan period
External Trigger
Trigger source: External digital; TRIG terminal
Trigger mode: Software-selectable for edge or level sensitive, rising or falling
edge, high or low level.
Retrigger mode: Trigger is rearmed after each trigger event
Trigger latency: 100 ns max
Trigger pulse width: 100 ns min
Input type: Schmitt trigger, 47 kΩ pull-down to ground with 33 Ω in series
Schmitt trigger hysteresis: 0.76 V typ, 0.4 V min, 1.2 V max
Input high voltage threshold: 1.74 V typ, 1.3 V min, 2.2 V max
Input high voltage limit: 5.5 V absolute max
Input low voltage threshold: 0.98 V typ, 0.6 V min, 1.5 V max
Input low voltage limit: –0.5 V absolute min, 0 V recommended min
Clock Input/Output
Terminal names: ICLKI, ICLKO, OCLKI, OCLKO
Terminal type
ICLKI: Input scan clock input, active on rising edge
ICLKO: Input scan clock output, power on default 0 V, active on rising edge
OCLKI: Output scan clock input, active on rising edge
OCLKO: Output scan clock output, power on default 0 V, active on rising edge
Input clock frequency: 8 MHz max
Input clock pulse width: 10.417 ns min
Input type: Schmitt trigger, 47 kΩ pull-down to ground with 33 Ω in series
Input Schmitt trigger hysteresis: 0.76 V typ, 0.4 V min, 1.2 V max
Input high voltage threshold: 1.74 V typ, 1.3 V min, 2.2 V max
Input high voltage limit: 5.5 V absolute max
Input low voltage threshold: 0.98 V typ, 0.6 V min, 1.5 V max
Input low voltage limit: –0.5 V absolute min, 0 V recommended min
Output clock frequency: 8 MHz max
Output clock pulse width: Minimum 62.5 ns at 8 MHz, varies with sample rate;
maintains 50% duty cycle using the internal clock. When using the external
clock, it follows the external clock input.
Output high voltage: 4.4 V min (IOH = –50 µA), 2.96 V min (IOH = –24 mA)
Output low voltage: 0.1 V max (IOL = 50 µA), 0.77 V max (IOL = 10 mA)
Output current: 24 mA source, 10 mA sink max per pin, constrained to 384 mA
across all output pins (digital outputs, pacer clock outputs, and +VO)
Handshaking: The TXACK output will have an 83.33 ns delay from the OCLKO
signal to ensure coherent data transfers between devices.
Input pacer clock input (ICLKI)
Trigger input (TRIG)
Input pacer clock output (ICLKO)
Output pacer clock input (OCLKI)
Output pacer clock output (OCLKO)
Data transfer output (TXACK)
DIO
16
16
+VO
DIO 16
DIO
protection
DIO
protection
16
Bitwise-programmable
digtial I/O with
byte-congurable
pull-ups
Bitwise-programmable
digtial I/O with
byte-congurable
pull-ups
D+/D–
Power
supplies
5 V
3.3 V
1.2 V
VBUS
(5 V)
3.3 V
Always on
Power
control
USB
port
Crystal
24 MHz
8-bit data bus
16-bit FIFO bus
Clock output
Microcontroller
with
USB 2.0
high-speed
interface
EEPROM
FPGA
USB-DIO32HS Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com