Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DIO32HS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-DIO32HS
Description  High-Speed Digital I/O
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-DIO32HS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-DIO32HS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-DIO32HS
April 2018. Rev 5
DS USB-DIO32HS
© Measurement Computing Corporation
Power
Supply current, USB source
During enumeration: <100 mA
After USB enumeration: <500 mA
+VO voltage output range
After USB enumeration: 5 V, ± 5%
+VO output current
After USB enumeration: 24 mA max per pin, constrained to 384 mA across
all output pins (digital outputs, pacer clock outputs, and +VO)
USB
Device type: USB 2.0 (high-speed)
Device compatibility: USB 1.1, USB 2.0, USB 3.0
USB cable length: 3 m (9.84 ft) max
Ordering
Environmental
Operating temperature range: 0 °C to 50 °C
Storage temperature range: –40 °C to 70 °C
Humidity: 0% to 90% non-condensing
Mechanical
Signal I/O Connector
Standard: 2 banks of screw-terminals (wire gauge range 16 AWG to 30 AWG)
OEM: Two 1 × 28 pin 0.1 in. pitch headers
Dimensions (L × W × H):
Standard: 128.52 x 88.39 × 35.56 mm (5.06 × 3.48 × 1.43 in.)
OEM: 119.38 × 86.36 × 15.24 mm (4.70 × 3.40 × 0.60 in.)
Order Information
Hardware
Part No.
Description
USB-DIO32HS
USB digital I/O device with 32 bit-configurable
DIO lines, and I/O scan rates up to 8 MS/s max.
Includes USB cable and MCC DAQ software.
USB-DIO32HS-OEM
Board-only USB-based digital I/O board with
32 bit-configurable digital I/O lines, and I/O scan
rates up to 8 MS/s max.
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com