Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-YC1I Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-YC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-YC1I Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-YC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
27 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Shut Down mode: Both power domains are powered down. The leakage current at this mode is
less than 10nA.
4.10. Clock sources
There are four types of clock sources. They are: RC 32kHz, RTC 32.768kHz, RC 26MHz and XO
26MHz. RC 32kHz is the default clock source for the AON power domain.
The device’s clock system is designed to provide clocks to all subsystems that require clocks, and
to allow switching between different clock sources without degrading system performance or
power consumption.
The clock calibration uses the accurate 26MHz crystal to determine precisely the frequency of the
RC 32kHz. After the calibration, the device uses a division core to get the period and frequency of
the RC 32kHz. The division core will also be used for conversion between number of sleep cycles
and time slots, or other required time unit conversions.
4.10.1. RC 32kHz
The nominal value of this clock is 32kHz. The clock rate can vary from 16kHz to 48kHz and is
calibrated by the XO clock. The AON (Always-On) domain uses this as clock source.
Clock performance reported below was measured at the following condition: Ta = 25°C, VCC=3.0V,
unless otherwise noted.
Table 9 : 32kHz RC oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Oscillation
frequency
Default RC setting
22.5
kHz
Temperature
coefficient
Default RC setting
See
Figure 12
Hz/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com