Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-YC1I Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-YC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-YC1I Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-YC1I Datasheet HTML 36Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 37Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 38Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 39Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 40Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 41Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 42Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 43Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
39 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
to reduce the capacitive coupling of unwanted signals to the clock line, the slow clock traces must
not be crossed by other signals.
7.3. RF trace
Place the RF path on the top layer (component side) and keep the trace as short as possible. The
RF trace must be immediately above a continuous ground on the next layer (Layer 2), The
impedance of the RF trace must be controlled to 50 ohms by appropriate adjustment of the line
width for the layer-to-layer separation and dielectric properties of the boards being used. In
addition, ground vias are required for better RF isolation.
7.4. Antenna
The antenna is a key component in wireless system design to make sure the device will perform
as expected. Make sure to select an antenna that covers the appropriate frequency band from
2.350GHz to 2.550GHz. Talk to the antenna supplier and make sure they understand that the
antenna must cover the entire frequency range. Also make sure the antenna is designed for a
50Ω impedance system. Make sure the PCB pads to which the antenna is connected are
properly designed to have a 50Ω impedance. The antenna supplier must specify the pad size,
the pitch from the pad to the ground reference plane, and the spacing from the pad edge to the
ground fill on the same layer as the pad. In addition, since the ground reference plane from the
antenna pad to the 50Ω trace of the device may be on a different layer than the ground
reference of the antenna pad, ensure that the pad design has an appropriate transition from
pad to pad 50Ω trace.
7.5. Power supply
The DC supply voltage should be decoupled as close as possible to the VCC pin with high
performance RF capacitors. Long power supply lines on the PCB should be avoided.
7.6. Thermal PAD vias
To increase the ground coupling, add at least 4 Vias directly from the DFN or QFN package paddle
to the solid ground.
7.7. GND
In four or more layers PCB designs it is recommended to have a dedicated ground plane. In that
case, make sure the ground plane is not broken by the routing of other signals. The power supply
can be routed on all layers except the ground floor. The power path should be a heavy copper filled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com