Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-TC
Description  Temperature Measurement Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-TC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-TC Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-TEMP and USB-TC Series
USB-TEMP-AI/TC-AI Specifications, continued
RTD Measurement Accuracy: T0x-T3x
RTD
Sensor Temp.
Range (°C)
Accuracy
Error Max.
(°C)
Accuracy
Error Typ.
(°C)
Tempco
(°C/ °C)
PT100,
DIN, US
or ITS-90
–200
2.913
2.784
0.001
–150
1.201
1.070
0.001
–100
0.482
0.349
0.001
0
0.261
0.124
0.001
100
0.269
0.127
0.001
300
0.287
0.136
0.001
600
0.318
0.150
0.001
Ix+ = 210 µA. All specifications are (±).
Thermistor Measurement Accuracy: T0x-T3x
Thermistor
Sensor
Temp.
Range (°C)
Accuracy
Error Max.
(°C)
Accuracy
Error Typ.
(°C)
Tempco
(°C/ °C)
2252 Ω
–40
0.001
0.0007
0.001
0
0.021
0.008
0.001
50
0.263
0.130
0.001
120
3.473
1.750
0.001
5000 Ω
–35
0.001
0.0006
0.001
0
0.009
0.004
0.001
50
0.115
0.049
0.001
120
1.535
0.658
0.001
10000 Ω
–25
0.001
0.0005
0.001
0
0.005
0.002
0.001
50
0.060
0.028
0.001
120
0.771
0.328
0.001
30000 Ω
–10
0.001
0.0005
0.001
0
0.002
0.001
0.001
50
0.019
0.009
0.001
120
0.267
0.128
0.001
Ix+ = 10 µA. All specifications are (±).
Typical Thermistor Resistance Measurement Range
Temp (°C)
Thermistor
2252 Ω
3000 Ω
5 kΩ
10 kΩ
30 kΩ
–40
76 kΩ
101 kΩ
168 kΩ
240 kΩ
885 kΩ
–35
55 kΩ
73 kΩ
121 kΩ
179 kΩ
649 kΩ
–30
40 kΩ
53 kΩ
88 kΩ
135 kΩ
481 kΩ
–25
29 kΩ
39 kΩ
65 kΩ
103 kΩ
360 kΩ
–20
22 kΩ
29 kΩ
49 kΩ
79 kΩ
271 kΩ
–15
16 kΩ
22 kΩ
36 kΩ
61 kΩ
206 kΩ
–10
12 kΩ
17 kΩ
28 kΩ
48 kΩ
158 kΩ
–5
9.5 kΩ
13 kΩ
21 kΩ
37 kΩ
122 kΩ
0
7.4 kΩ
9.8 kΩ
16 kΩ
29 kΩ
95 kΩ
Resistance values >180 kΩ cannot be measured by the device in thermistor mode.
Absolute Accuracy: V0x-V3x
Range
Absolute Accuracy (mV)
±10 V
±2.779
±5 V
±1.398
±2.5 V
±0.707
±1.25 V
±0.362
Noise Performance
Range
Peak to Peak
Noise (µV)
RMS Noise
(µVrms)
Noise-Free
Resolution (Bits)
±10 V
41.13
6.23
19.09
±5 V
30.85
4.67
18.51
±2.5 V
17.14
2.60
18.36
±1.25 V
11.14
1.69
17.98
Settling Time: V0x-V3x
Range
Accuracy ±0.0004% (seconds)
±10 V
15.0
±5 V
0.40
±2.5 V
0.40
±1.25 V
0.40
Specifications
Accuracy Components
Range
Gain Error
(% of Reading)
Offset error
(µV)
INL error
(% of range)
Gain Temperature
Coefficient (ppm/°C)
Offset Temperature
Coefficient (µV/°C)
±10 V
0.0246
16.75
0.0015
3.68
0.42
±5 V
0.0246
16.75
0.0015
3.68
0.42
±2.5 V
0.0246
16.75
0.0015
3.68
0.42
±1.25 V
0.0246
16.75
0.0015
3.68
0.42
All specifications are (±).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com