Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-TC
Description  Temperature Measurement Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-TC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-TC Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-TC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-TEMP and USB-TC Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-TEMP and USB-TC Series
Analog Input
The USB-TEMP and USB-TC each
include eight thermocouple inputs. The
USB-TEMP also supports RTD, thermistor,
and semiconductor sensor measurements.
The USB-TEMP-AI and USB-TC-AI fea-
ture four thermocouple inputs plus four
voltage inputs with ranges up to ±10 V.
The USB-TEMP-AI also supports RTD,
thermistor, and semiconductor sen-
sor measurements. The USB-TEMP-AI
and USB-TC-AI also offer four volt-
age input channels with ranges from
±1.25 V to ±10 V.
A 24-bit analog-to-digital (A/D) converter
is provided for each pair of analog inputs.
Users can connect a different category of
sensor to each temperature channel pair.
Open thermocouple detection (OTD) is
provided to detect broken thermocouples.
Cold junction compensation (CJC) sen-
sors are provided for TC measurements,
and built-in current excitation sources for
resistive sensor measurements.
Sample Rate
Each channel can be sampled at up to
two samples per second for a total device
throughput of 16 samples per second.
Digital I/O
Eight independent, TTL-compatible
digital I/O channels are used to monitor
TTL-level inputs and communicate with
external devices. The DIO lines on the
USB-TEMP-AI and USB-TC-AI can also be
used to generate alarms.
The digital I/O lines are software program-
mable for input or output.
The USB-TEMP Series provides temperature measurement flexibility as each channel can
monitor any of the supported input types
Temperature Measurement Devices
Counter Input
USB-TEMP-AIandUSB-TC-AIdeviceshave
a 32-bit event counter that accept fre-
quency inputs up to 1 MHz. The internal
counter increments when the TTL levels
transition from low to high.
Calibration
USB-TEMP and USB-TC Series devices are
factory-calibrated using a NIST-traceable
calibration process. Specifications are
guaranteed for one year.
The USB-TEMP and USB-TC Series also
supports field calibration for users to
calibrate the device locally with the Insta-
Cal utility.
InstaCal prompts you to run its calibration
utility when you change from one sensor
category to another. Allow the device to
operate for at least 30 minutes before
calibrating. This warm up time minimizes
thermal drift and achieves the specified
rated accuracy of measurements.
USB-TEMP and USB-TC Series Selection Chart
Model
Channels
Thermocouple
Inputs
RTD, Thermistor,
Semiconductor
Sensor Inputs
Voltage Inputs
USB-TC
8
4
—
—
USB-TEMP
8
4
4
—
USB-TC-AI
8
4
—
4
USB-TEMP-AI
8
4
4
4
Features
• Temperature and voltage
measurements
• Thermocouples, RTDs,
thermistors, semiconductor
sensors
• 8 analog inputs
• 24-bit resolution
• 8 digital I/O
• 1 event counter
Supported Operating Systems
• Windows®
11/10/8/7/Vista®/
XP, 32/64-bit
• Linux®
• Android™
Overview
All USB-TEMP and TC Series devices support thermocouple inputs. The USB-TEMP
and USB-TEMP-AI also support RTD, thermistor, and semiconductor sensor mea-
surements. In addition, voltage measurements are supported by the USB-TEMP-AI
and USB-TC-AI. Each device also includes eight digital I/O lines.
The USB-TEMP and USB-TC Series offers the most accurate temperature measure-
ment possible, since the internal measurement electronics accuracy exceeds the
accuracy specifications of the temperature sensors.
The combination of the USB-TEMP and USB-TC Series and the Measurement
Computing DAQ software suite gives you a complete data acquisition solution
that will have you taking measurements in minutes.


Similar Part No. - USB-TC

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
USB-T0S3 TELEDYNE-USB-T0S3 Datasheet
641Kb / 2P
SuperSpeed USB Analyzer
logo
Texas Instruments
USB-TO-GPIO TI1-USB-TO-GPIO Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
More results

Similar Description - USB-TC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
Temperature Measurement
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
Temperature Measurement
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
Temperature measurement
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
Temperature measurement
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com