Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TC-AI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # USB-TC-AI
Description  Temperature Measurement Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-TC-AI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  USB-TC-AI Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-TEMP and USB-TC Series
Specifications
USB-TEMP-AI/TC-AI Specifications, continued
Analog Input Calibration
Recommended Warm-Up Time: 30 minutes min
Calibration: Firmware calibration
Calibration interval: 1 year
Calibration reference: 10.000 V, ±5 mV max; measured values stored in EEPROM
Tempco: 5 ppm/°C max
Long term stability: 30 ppm/1000 h
Throughput Rate
Maximum throughput: 2 Samples/second per channel
Digital Input/Output
Digital type: 5 V CMOS
Number of I/O: 8 (DIO0 through DIO7)
Configuration: Independently input or output; power on reset is input mode
Pull-up/down configuration: All pins pulled up to 5 V through 47 kΩ resistors
(default); contact MCC for pull down to ground capability
Digital I/O transfer rate (software paced)
Digital input: 50 port reads or single bit reads per second, typ.
Digital output: 100 port writes or single bit writes per second, typ
Input high voltage: 2.0 V min, 5.5 V absolute max
Input low voltage: 0.8 V max, –0.5 V absolute min
Output low voltage (IOL = 2.5 mA max): 0.7 V max
Output high voltage (IOH = –2.5 mA max): 3.8 V min
Temperature Alarms
Number of alarms: 8 (one per digital I/O line)
Alarm functionality: Each alarm controls a DIO line as an alarm output. The
alarm input can be set to any temperature input channels. When enabled, the
associated DIO line is set to output after the device is reset, and driven to the
state determined by the alarm options and input temperature.
Alarm input modes: T1 and T2 may be independently set for each alarm.
Alarm when input temperature > T1
Alarm when input temperature > T1, reset alarm when input temperature goes
below T2
Alarm when input temperature < T1
Alarm when input temperature < T1, reset alarm when > T2
Alarm when input temperature is < T1 or > T2
Alarm output modes: Disabled, enabled/active high output, and enabled/active
low output
Alarm update rate: 1 second
Counter
Number of channels: 1
Resolution: 32-bits
Counter type: Event counter
Input type: TTL, rising edge triggered
Input source: CTR screw terminal
Counter read/writes rates (Software Paced): 33 to 1000 reads per second
Schmidt trigger hysteresis: 20 mV to 100 mV
Input leakage current: ±1.0 µA typ
Input frequency: 1 MHz max
High pulse width: 500 ns min
Low pulse width: 500 ns min
Input high voltage: 4.0 V min, 5.5 V absolute max
Input low voltage: 1.0 V max, –0.5 V absolute min
Power
Supply current: USB enumeration, <100 mA
Supply current: Quiescent mode with all inputs configured for Disabled mode,
270 mA typ
User 5 V input voltage range: 4.75 V min to 5.25 V max
User 5 V output voltage range: 4.9 V min to 5.1 V max
User 5 V output current: connected to a self-powered hub, 5 mA max
Isolation: Measurement system to PC, 500 VDC min
Current Excitation Outputs (±Ix, T0x-T3x)
Configuration: 2 dedicated pairs
Current excitation output ranges: Thermistor 10 µA; RTD: 210 µA
Tolerance: ±5.0%
Drift: 200 ppm/°C
Line regulation: 2.1 ppm/V max
Load regulation: 0.3 ppm/V
Output compliance voltage: 3.90 V max, –0.03 V min, (relative to GND)
Environmental
Operating temperature range: 0 °C to 55 °C max
Storage temperature range: –40 °C to 85 °C max
Humidity: 0 to 90% non-condensing max
Mechanical
Dimensions (L × W × H): 128.52 × 88.39 × 35.56 mm (5.06 × 3.48 × 1.43 in.)
User connection length: 3 m (9.84 ft) max
USB-TEMP and USB-TC
All specifications are subject to change without notice.
Thermocouple specifications apply to both USB-TEMP and USB-TC.
RTD, thermistor, and semiconductor specifications apply only to the USB-TEMP.
Typical for 25 °C unless otherwise specified.
Analog Input
A/D converters: Four dual 24-bit, Sigma-Delta type
Number of channels: 8 differential
Input isolation: 500 VDC min between field wiring and USB interface
Channel configuration: Software programmable to match sensor type
Differential input voltage range
Thermocouple: ±0.080 V
RTD: 0 to 0.5 V
Thermistor: 0 to 2 V
Semiconductor sensor: 0 to 2.5 V
Absolute maximum input voltage: ±25 V power on, ±40 V power off
Input impedance: 5 GΩ, min
Input leakage current: OTD disabled, 30 nA max; OTD enabled, 105 nA max
Normal mode rejection ratio: fIN = 60 Hz, 90 dB min
Common mode rejection ratio: fIN = 50 Hz/60 Hz, 100 dB min
Resolution: 24 bits
No missing codes: 24 bits
Input coupling: DC
Warm-up time: 30 minutes min
Open thermocouple detect: Automatically enabled; 3 seconds
CJC sensor accuracy: 15 °C to 35 °C, ±0.25 °C typ., ±0.5 °C max,
0 °C to 70 °C, –1.0 to 0.5 °C max
Channel Configurations
Thermocouple: 8 differential channels
Semiconductor sensor: 8 differential channels
RTD and thermistor
2-wire with a single sensor per channel pair, 4 differential channels
2-wire with two sensors per channel pair, 8 differential channels
3-wire with a single sensor per channel pair, 4 differential channels
4-wire with a single sensor per channel pair, 4 differential channels
4-wire with two sensors per channel pair, 8 differential channels
Compatible Sensors
Thermocouple
J: –210 °C to 1200 °C
K: –270 °C to 1372 °C
R: –50 °C to 1768 °C
S: –50 °C to 1768 °C
T: –570 °C to 400 °C
N: –570 °C to 1300 °C
E: –570 °C to 1000 °C
B: 0 °C to 1820 °C
RTD
100 Ω PT (DIN 43760: 0.00385 ohms/ohm/°C)
100 Ω PT (SAMA: 0.003911 ohms/ohm/°C)
100 Ω PT (ITS-90/IEC751:0.0038505 ohms/ohm/°C)
Thermistor: Standard 2,252 Ω through 30,000 Ω
Semiconductor/IC: LM35, TMP35 or equivalent
Throughput Rate
Maximum throughput: 2 S/s per channel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com