Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TC-AI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USB-TC-AI
Description  Temperature Measurement Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-TC-AI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  USB-TC-AI Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-TC-AI Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB-TEMP and USB-TC Series
Specifications
USB-TEMP/TC Specifications, continued
Accuracy
Thermocouple Measurement Accuracy
Sensor
Type
Maximum
Error
Typical
Error
Temperature
Range (°C)
J
±1.499
±0.507
–210 to 0
±0.643
±0.312
0 to 1200
K
±1.761
±0.538
–210 to 0
±0.691
±0.345
0 to 1372
S
±2.491
±0.648
–50 to 250
±1.841
±0.399
250 to 1768.1
R
±2.653
±0.650
–50 to 250
±1.070
±0.358
250 to 1768.1
B
±1.779
±0.581
250 to 700
±0.912
±0.369
700 to 1820
E
±1.471
±0.462
–200 to 0
±0.639
±0.245
0 to 1000
T
±1.717
±0.514
–200 to 0
±0.713
±0.256
0 to 600
N
±1.969
±0.502
–200 to 0
±0.769
±0.272
0 to 1300
Includes CJC measurement error.
Semiconductor Sensor Measurement Accuracy
Sensor Type
Temperature
Range (°C)
Accuracy Error
Maximum (°C)
LM35, TMP35 or equivalent
–40 to 150
±0.50
RTD Measurement Accuracy
RTD
Sensor
Temp. (°C)
Max Accuracy
Error
(Ix+ = 210 µA)
Typical Accuracy
Error
(Ix+ = 210 µA)
PT100,
DIN, US
or ITS-90
–200 to –150
±2.85 °C
±2.59 °C
–150 to –100
±1.24 °C
±0.97 °C
–100 to 0
±0.58 °C
±0.31 °C
0 to 100
±0.38 °C
±0.11 °C
100 to 300
±0.39 °C
±0.12 °C
300 to 600
±0.40 °C
±0.12 °C
Thermistor Measurement Accuracy
Thermistor
Temperature Range
(Ix+ = 10 µA)
Max Accuracy Error
(Ix+ = 10 µA)
2252 Ω
–40 °C to 120 °C
±0.05 °C
3000 Ω
–40 °C to 120 °C
±0.05 °C
5000 Ω
–35 °C to 120 °C
±0.05 °C
10000 Ω
–25 °C to 120 °C
±0.05 °C
30000 Ω
–10 °C to 120 °C
±0.05 °C
Typical Thermistor Resistance Measurement Range
Temp (°C)
Thermistor
2252 Ω
3000 Ω
5 kΩ
10 kΩ
30 kΩ
–40
76 kΩ
101 kΩ
168 kΩ
240 kΩ
885 kΩ
–35
55 kΩ
73 kΩ
121 kΩ
179 kΩ
649 kΩ
–30
40 kΩ
53 kΩ
88 kΩ
135 kΩ
481 kΩ
–25
29 kΩ
39 kΩ
65 kΩ
103 kΩ
360 kΩ
–20
22 kΩ
29 kΩ
49 kΩ
79 kΩ
271 kΩ
–15
16 kΩ
22 kΩ
36 kΩ
61 kΩ
206 kΩ
–10
12 kΩ
17 kΩ
28 kΩ
48 kΩ
158 kΩ
–5
9.5 kΩ
13 kΩ
21 kΩ
37 kΩ
122 kΩ
0
7.4 kΩ
9.8 kΩ
16 kΩ
29 kΩ
95 kΩ
Resistance values >180 kΩ cannot be measured by the device in thermistor mode.
Digital Input/Output
Digital type: 5 V CMOS
Number of I/O: 8 (DIO0 through DIO7)
Configuration: Independently configured for input or output; power on reset
is input mode
Pull-up/down configuration: All pins pulled up to 5 V through 47 kΩ resistors
Digital I/O transfer rate (software paced)
Digital input: 50 port reads or single bit reads per second typical.
Digital output: 100 port writes or single bit writes per second typical.
Input high voltage: 2.0 V min, 5.5 V absolute max
Input low voltage: 0.8 V max, –0.5 V absolute min
Output low voltage (IOL = 2.5 mA max): 0.7 V max
Output high voltage (IOH = –2.5 mA max): 3.8 V min
Power
Supply current
USB enumeration: <100 mA
Continuous mode: 140 mA typ
User 5 V input voltage range: 4.75 V min to 5.25 V max
User 5 V output voltage range: self-powered hub, 4.75 V min to 5.25 V max
User 5 V Output current: Bus-powered; connected to a self-powered hub, 10 mA max
Isolation: Measurement system to PC, 500 VDC min
Current Excitation Outputs (±Ix)
Configuration: 4 dedicated pairs
Current excitation output ranges: Thermistor 10 µA, RTD: 210 µA
Tolerance: ±5.0%
Drift: 200 ppm/°C
Line regulation: 2.1 ppm/V max
Load regulation: 0.3 ppm/V
Output compliance voltage: 3.90 V max, –0.03 V min, (relative to GND)
Environmental
Operating temperature range: 0 °C to 70 °C max
Storage temperature range: –40 °C to 85 °C max
Humidity: 0 to 90% non-condensing
Mechanical
Dimensions (L × W × H): 128.52 × 88.39 × 35.56 mm (5.06 × 3.48 × 1.43 in.)
User connection length: 3 m (9.84 ft) max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com