Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IN100-Q1-R-RC1F Datasheet HTML 1Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 2Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 3Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 4Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 5Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 6Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 7Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 8Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
1 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
IN100
Ultra-Low Power Bluetooth Beacon SoC
Bluetooth Low Energy 5.3 Compliant
-
Enhanced privacy mode support
Beacon Modes
-
Proprietary
-
Bluetooth SIG compliant
-
iBeacon/Eddystone/Altbeacon compliant*
Ease of Use
-
Config and use
-
No software programming required
Memory
-
4Kb eFuse memory
-
Advertising payload storage
-
Manufacturer ID
-
4KB SRAM
-
Dynamic payload storage
Low Power Mode Advertising
-
Continuous advertising
-
Event-triggered advertising
RF Radio
-
2.4GHz frequency band RF transmitter
-
MedRadio band support
-
Programmable TX output power, up to +5dBm
System Power Consumption
-
Sub-uW power consumption for multi-year
operation on a tiny battery
-
Sleep mode < 650nA with 32kHz RC ON
Peripheral
-
1 UART
-
1 I2C
-
Pulse Count Interface for digital sensor input
-
Built-in ultra-low-leakage load switch x 2
-
Sensor ADC, 11bit
-
Chip temperature measurement
-
VCC voltage measurement
-
4 channels for customer use
Key Features
Clock Sources
-
26MHz XO crystal
-
32.768kHz RTC crystal (optional)
Security and Privacy
-
AES-128 based authentication
-
AES-128 based encryption
-
Privacy protection: resolvable private
address
-
Anti-Cloning: time-varying payload in the
beacon
Power Supply
-
Integrated low leakage LDO
-
1.1 - 3.6V input
-
Single cell 1.5V battery support
Operating temperature
-
-40°C ~ +85°C (industrial, see ordering info)
-
-40°C ~ +125°C (full range industrial, see
ordering info)
Packaging
-
DFN8 2.5mm x 2.5mm
-
QFN18 3.0mm x 3.0mm
Typical Applications
-
Standalone retail beacon
-
Wireless sensor
-
Asset tracking
-
Beacon tag for RTLS (Real Time Location
System)
-
Active RFID
-
Low power alarm system
-
Wireless ID tag for healthcare
-
Wireless industrial application
-
Fitness and wellness
* iBeacon is a trademark of Apple Inc.
* Eddystone is a trademark of Google Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com