Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-Q1-R-RC1F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1F Datasheet HTML 5Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 6Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 7Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 8Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 9Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 10Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 11Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 12Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
8 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
1. Product Overview
IN100 is a member of InPlay's NanoBeacon™ SoC product family, which supports Bluetooth low
energy beacons in the ISM 2.4GHz frequency band and a proprietary beacon mode in either the
2.4GHz ISM frequency band or the MedRadio frequency bands. This SoC device features an
efficient and configurable state machine, non-volatile memory for user pre-defined data payload,
and data SRAM for dynamic data storage. The device includes an analog to digital converter,
security engine and power management in a QFN form factor package as small as 2.5mm x 2.5mm.
The device has very low power consumption and simple BOM requirements. It is ideal for coin cell
battery or single cell 1.4V/1.5V battery-powered applications such as disposable beacon tags or
wireless smart sensors.
Software programming free Bluetooth: The device is designed for maximum ease of use. There’s
no need to do any Bluetooth-related software programming in order to use this device. Once the
device is properly configured, it automatically transmits Bluetooth Low Energy advertising
packets, or proprietary-format advertising packets. The advertising data payload can be
predefined user data stored on-chip, or dynamic data acquired from sensors or an external
microcontroller. The NanoBeacon Config PC GUI tool provided by InPlay allows the user to easily
configure the advertising mode and data payload.
Single cell (sub-1.5V) battery operation, Nanowatt power consumption: The device can operate
at battery voltages as low as 1.1V, so a popular 1.5V single cell battery is sufficient to power the
device. When the device is operating in sleep mode, it consumes less than 650nA from the battery.
Flexible features for pairing with an MCU & sensors: In addition to the standalone beacon
mode, the device is designed to pair with a companion MCU and/or sensors. When the device is
used with a microcontroller, the adverting data payload and control mode can be changed on-the-
fly via the UART interface. Sensors with either analog or digital outputs can be used with the
device. It supports multiple ADC input channels with 11-bit resolution. It has a linear scaling post-
processing unit to condition readings before transmitting them wirelessly. In addition, there are
two low-leakage load switches that turn power on or off to any external circuitry, including the
sensor ICs.
Simple system BOM: The device does not require external RF matching components when
interfacing to a 50Ω impedance. It does require a 26MHz crystal for accurate local oscillator
generation. For applications that require an accurate real-time clock, a 32.768kHz crystal must be
installed on-board. Both the 26MHz and 32.768kHz crystal interfaces provide programmable on-
chip capacitors that eliminate the need for on-board load capacitors for most crystals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com