Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3-LS Datasheet(PDF) 4 Page - New Scale Technologies, Inc.

Part # M3-LS
Description  All-in-one USB micro stage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWSCALE [New Scale Technologies, Inc.]
Direct Link  https://www.newscaletech.com/
Logo NEWSCALE - New Scale Technologies, Inc.

M3-LS Datasheet(HTML) 4 Page - New Scale Technologies, Inc.

  M3-LS Datasheet HTML 1Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 2Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 3Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 4Page - New Scale Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M3-LS Linear Smart Stage
4 | New Scale Technologies, Inc. ~ w w w . n e w s c a l e t e c h . c o m ~ Phone (585) 924-4450
Developer’s Kit DK-M3-LS-1.8-6
M3-LS for electrophysiology
With its high resolution, repeatability and lateral
stability, the M3-LS makes an ideal backlash-
free motorized micro drive for electrode
positioning in chronic recording. The EP-clamp-
6.35 pipette holder clamp facilitates easy
removal and replacement of the pipette holder
in the recording chamber. Low EMI ensures
non-interference with electrode recording.
M3-LS-datasheet-08-30-2017
Ordering information
Developer’s Kit
Description
DK- M3-LS-1.8-6
M3-LS-1.8 Developer’s Kit with 6 mm travel
 One M3-LS-1.8-6 Linear Smart Stage
 One M3-1.8-USB Adapter
 M3-1.8-0-Deg-250 straight flex cable, 250 mm long
 M3-1.8-90-Deg-250 angled flex cable, 250 mm long
 New Scale Pathway™ Software on separate USB
 Mounting hardware kit
Additional
Components
Description
M3-LS-1.8-6
Linear Smart Stage with 6 mm travel
Stage, no cables
M3-1.8-0-Deg-250
Flex cable for M3-LS stage
Straight, 250 mm length
M3-1.8-90-Deg-250
Flex cable for M3-LS stage
Right angle at one end, 250 mm length
M3-1.8-Y-Bracket
Bracket for Y-axis smart stage
Affixes Y-axis smart stage to X-axis smart stage
M3-1.8-Z-Bracket
Bracket for Z-axis smart stage
Affixes Z-axis smart stage to X- or Y-axis smart stage
EP-clamp-6.35
Pipette holder clamp
Suitable for pipette holders with body dia. 0.25”
(6.35mm) e.g. models 67944x from A.M. Systems
EP-clamp-6.35
Dimensions in mm
Developer’s Kits
M3-LS developer’s kits provide easy
evaluation and prototyping of one-axis M3-LS
Linear Smart Stage systems. Developer’s kits
are available from New Scale and select reps
and distributors.
Contact New Scale regarding additional
stages, brackets and flex cables for use with
the developer’s kit to create 2-axis and 3-axis
systems, or to inquire about volume pricing or
customization of M3-LS smart stage systems.
M3-1.8-USB
Adapter
M3-1.8-0-Deg-250
Flex Cable
M3-LS-1.8-6
Linear Smart Stage
Additional information
Visit the website to download STEP files, the
integration guide and command and control
reference guide for M3-LS Linear Smart Stages:
http://www.newscaletech.com/downloads/software-
cad-manuals.php (registration required).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com