Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3-LS Datasheet(PDF) 1 Page - New Scale Technologies, Inc.

Part # M3-LS
Description  All-in-one USB micro stage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWSCALE [New Scale Technologies, Inc.]
Direct Link  https://www.newscaletech.com/
Logo NEWSCALE - New Scale Technologies, Inc.

M3-LS Datasheet(HTML) 1 Page - New Scale Technologies, Inc.

  M3-LS Datasheet HTML 1Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 2Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 3Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 4Page - New Scale Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Scale Technologies, Inc. ~ w w w . n e w s c a l e t e c h . c o m ~ Phone (585) 924-4450
M3-LS Linear Smart Stage
All-in-one USB micro stage
 All-in-one smart module: no separate electronics
- Runs directly from USB adapter
- USB, I2C or SPI interface
 Small size: less than 29 x 20 x 10 mm
 High resolution: 0.5
m
 Absolute encoding: no homing
 Long stroke: 6 mm
 Low power use: 3.3 V DC input, < 0.75 W when moving
 High repeatability and low runout
Unmatched precision, stability and ease of use
The M3-LS Linear Smart Stage is a direct-drive, high-precision
micro stage built for fast, simple integration into miniature OEM
systems. All drive electronics are integrated right into the
compact stage housing – no external board needed!
The piezo-driven stage has 0.5
m resolution for precise, repeat-
able positioning of optics, probes, sensors and more. Absolute
encoding removes the need to home the stage on power-up,
eliminating errors and disruptions in processes and experiments.
The unique linear slide has uniform and very low friction, even
under high direct loads and side loads. Six ball bearings in a
kinematic “v” guide-way eliminate cage creep and friction spike
problems common in other micro stages.
The M3-LS has high stiffness and lateral stability, no backlash,
and less than10
m runout over its full travel range.
Direct input via USB, I2C or SPI
The stage accepts simple high-level motion commands via
standard serial interface. Use the USB adapter to power and
control multiple stages from a single New Scale Pathway™
software screen. Use the intuitive script generator to easily
create command sequences for automated operations.
The M3-LS stage can also be driven directly from your system
processor via standard I
2C or SPI interface.
Low power for hand-held systems
The M3-LS Linear Smart Stage needs only 3.3 V DC and uses
less than 0.75 W typical when moving. It can be powered by USB
or standard batteries. The integrated piezo motor holds position
without using power. The internal electronics can be switched to
sleep mode for extreme low-power applications.
The M3-LS Linear Smart Stage is an
ultra-compact positioning stage with high
resolution, low power use and absolute
encoding. All electronics are built into the
stage for simple system integration.
Control the stage using high-level motion
commands via USB, I2C or SPI interface.
APPLICATIONS
 Hand-held and mobile instruments
 Battery-powered instruments
 Portable medical devices
 Miniature microscopes
 Spectroscopy
 Micro assembly
 Biomedical probing & sampling
 High-resolution tuning systems
 Targeting systems
 UAV/UGV controls and optics
 Miniature camera systems
New Scale Pathway™ software with
easy-to-use graphical interface. Control
multiple smart stages from one PC
screen, or develop your own code using
the intuitive scripting tool.
SMALL, PRECISE, SMART … IN MOTION


Similar Part No. - M3-LS

ManufacturerPart #DatasheetDescription
logo
New Scale Technologies,...
M3-LS-3.4-15 NEWSCALE-M3-LS-3.4-15 Datasheet
791Kb / 3P
High load, long travel micro positioning stage features built-in controller
10-12-2017
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
More results

Similar Description - M3-LS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
All-in-One Component Workstation
FRMD-13-A-B-0 LIGHTEL-FRMD-13-A-B-0 Datasheet
90Kb / 1P
All-in-One Component Workstation
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
ALL IN ONE??POWER TRANSFORMERS
logo
Tripp Lite. All Rights ...
U060-000-KP-WH TRIPPLITE-U060-000-KP-WH Datasheet
158Kb / 3P
USB 2.0 All-in-One Keystone/Panel Mount Coupler (F/F), White
logo
Schneider Electric
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
Mar 30, 2020
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
logo
Aven, Inc.
26700-220-MNT AVEN-26700-220-MNT Datasheet
1Mb / 2P
All-In-One Digital Microscope
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com