Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240D Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 74HCT240D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HCT240D Datasheet(HTML) 3 Page - Toshiba Semiconductor

  74HCT240D Datasheet HTML 1Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 2Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 3Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 4Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 5Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 6Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 7Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74HCT240D,74HCT244D
3
8. Truth Table
Input G
L
L
H
Input An
L
H
X
Output Yn
L
H
Z
Output Yn
H
L
Z
X:
Don't care
Z:
High impedance
Yn:
74HCT244D
Yn:
74HCT240D
9. Absolute Maximum Ratings (Note)
Characteristics
Supply voltage
Input voltage
Output voltage
Input diode current
Output diode current
Output current
VCC/ground current
Power dissipation
Storage temperature
Symbol
VCC
VIN
VOUT
IIK
IOK
IOUT
ICC
PD
Tstg
Note
(Note 1)
Rating
-0.5 to 7.0
-0.5 to VCC + 0.5
-0.5 to VCC + 0.5
±20
±20
±35
±75
500
-65 to 150
Unit
V
V
V
mA
mA
mA
mA
mW
�
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: PD derates linearly with -8 mW/� above 85 �
10. Operating Ranges (Note)
Characteristics
Supply voltage
Input voltage
Output voltage
Operating temperature
Input rise and fall times
Symbol
VCC
VIN
VOUT
Topr
tr,tf
Note
(Note 1)
Rating
4.5 to 5.5
0 to VCC
0 to VCC
-40 to 125
0 to 500
Unit
V
V
V
�
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 1: Operating Range spec of Topr = -40 � to 125 � is applicable only for the products which manufactured after
July 2020.
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com