Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240D Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 74HCT240D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HCT240D Datasheet(HTML) 4 Page - Toshiba Semiconductor

  74HCT240D Datasheet HTML 1Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 2Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 3Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 4Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 5Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 6Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 7Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HCT240D,74HCT244D
4
11. Electrical Characteristics
11.1. DC Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
3-state output OFF-state
leakage current
Input leakage current
Quiescent supply
current
Symbol
VIH
VIL
VOH
VOL
IOZ
IIN
ICC
ICCT
Test Condition
�
�
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VIH or VIL
VOUT = VCC or GND
VIN = VCC or GND
VIN = VCC or GND
Per input: VIN = 0.5 V or 2.4 V
Other input: VCC or GND
IOH = -20 µA
IOH = -6 mA
IOL = 20 µA
IOL = 6 mA
VCC (V)
4.5 to 5.5
4.5 to 5.5
4.5
4.5
4.5
4.5
5.5
5.5
5.5
5.5
Min
2.0
�
4.4
4.18
�
�
�
�
�
�
Typ.
�
�
4.5
4.31
0.0
0.17
�
�
�
�
Max
�
0.8
�
�
0.1
0.26
±0.5
±0.1
4.0
2.0
Unit
V
V
V
V
µA
µA
µA
mA
11.2. DC Characteristics (Unless otherwise specified, Ta = -40 to 85 �)
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
3-state output OFF-state
leakage current
Input leakage current
Quiescent supply current
Symbol
VIH
VIL
VOH
VOL
IOZ
IIN
ICC
ICCT
Test Condition
�
�
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VIH or VIL
VOUT = VCC or GND
VIN = VCC or GND
VIN = VCC or GND
Per input: VIN = 0.5 V or 2.4 V
Other input: VCC or GND
IOH = -20 µA
IOH = -6 mA
IOL = 20 µA
IOL = 6 mA
VCC (V)
4.5 to 5.5
4.5 to 5.5
4.5
4.5
4.5
4.5
5.5
5.5
5.5
5.5
Min
2.0
�
4.4
4.13
�
�
�
�
�
�
Max
�
0.8
�
�
0.1
0.33
±5.0
±1.0
40.0
2.9
Unit
V
V
V
V
µA
µA
µA
mA
11.3. DC Characteristics (Note) (Unless otherwise specified, Ta = -40 to 125 �)
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
3-state output OFF-state
leakage current
Input leakage current
Quiescent supply current
Symbol
VIH
VIL
VOH
VOL
IOZ
IIN
ICC
ICCT
Test Condition
�
�
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VIH or VIL
VOUT = VCC or GND
VIN = VCC or GND
VIN = VCC or GND
Per input: VIN = 0.5 V or 2.4 V
Other input: VCC or GND
IOH = -20µA
IOH = -6 mA
IOL = 20µA
IOL = 6 mA
VCC (V)
4.5 to 5.5
4.5 to 5.5
4.5
4.5
4.5
4.5
5.5
5.5
5.5
5.5
Min
2.0
�
4.4
3.7
�
�
�
�
�
�
Max
�
0.8
�
�
0.1
0.4
±5.0
±1.0
80.0
2.9
Unit
V
V
V
V
µA
µA
µA
mA
Note:
Operating Range spec of Topr = -40 � to 125 � is applicable only for the products which manufactured after
July 2020.
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com