Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M320EB Datasheet(PDF) 4 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M320EB
Description  LEARNING DECODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M320EB Datasheet(HTML) 4 Page - MOSDESIGN SEMICONDUCTOR CORP

  M320EB Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/
5
2008-09-02
LEARNING DECODER
EN/DECODER
M320D
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
LATCH & MOMENTARY
The D0~D3 and VT pins are all at low level when power is turned on.
Data output type selection
(1) LATCH Type(LM=OPEN):The data outputs follow the encoder during valid receiving, and are then latched in this state until
the next valid receiving occurs.
(2) MOMENTARY Type (LM=VSS):The data follow the encoder only during valid receiving.
LEARNING MODE
The M320D can save a maximum of 32 sets of customer codes in the EEPROM, after the EEPROM has stored 32 sets of customer
codes in it , the decoder still receiving more (33
th sets) will overriding 1st set of customer codes in the EEPROM, If any customer
code exist, the learning more ignored.
‧ Operation:
1.
LRN pin is active low over 0.5 seconds, the LED pin output a high level (LED on); the M320D enters the learning mode.
2.
During the 8 seconds, if the DI pin has received proper formatted data no mistakes, the received customer code is stored
in the EEPROM and LED flashing 2 times. After the LED off and quits learning mode and goes to the remote control
mode.
3.
If none of the customer code received within 8 seconds, After the LED off and quits learning mode, it goes to the remote
control mode.
‧ EEPROM erase function:
1.
When LRN pin is active low over 0.5 seconds,the LED pin is active high (LED ON), enters the learning mode.
2.
During the 4 seconds, if continues pressing LRN pin active low 4 times. Enters the clear mode after LED flashing 4 times,
indicate the data in the EEPROM are all erased completely.
3.
The LED off and quits clear mode, it goes to the remote control mode.
‧ Learning Mode and LED indication function table
Action
Operation
LED indication
Enters Learning Mode
Learning Key > 0.5sec
LED on
Learning success
LED flashing 2 times
The data in the EEPROM are all erased.
Enters Learning mode. During the 4 seconds
pressing the LRN key 4 times, after the data in
the EEPROM are all erased.
LED flashing 4 times
End Learning Mode
LED off



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com