Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M320EB Datasheet(PDF) 5 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M320EB
Description  LEARNING DECODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M320EB Datasheet(HTML) 5 Page - MOSDESIGN SEMICONDUCTOR CORP

  M320EB Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5/
5
2008-09-02
LEARNING DECODER
EN/DECODER
M320D
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
RECOMMEND OSCILLATOR PARAMETERS
M320D oscillator is constructed by external Rosc 和 Cosc
Rosc (KΩ)
Cosc (PF)
M320D
15
20
1.55 MHz
20
20
1.24 MHz
22
20
1.11 MHz
27
20
924.8 KHz
36
20
708.4 KHz
43
20
595.2 KHz
Suggested oscillator resistor of M320EA/M320D:
M320EA
390KΩ(~50KHz) <==> M320D
22KΩ/ 20PF (~1.0MHz)
Suggested oscillator resistor of M320EB/M320D:
M320EB
300KΩ(~80KHz) <==> M320D
22KΩ/ 20PF (~1.0MHz)
APPLICATION DIAGRAM
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
DATA OUTPUT
M320EA/B
(D0~D3)
M320D
(D0~D3)
0 (VSS)
0 (VSS)
1 (VDD)
1 (VDD)
POWER ON
0 (VSS)
M320DP
116
89
SK
DATA
VSS
CS
DIN
OSCI
VDD
LM
LED
VT
1
8
45
93LC46
CS
DI
DO
VDD
VSS
SK
RES
LRN
D0
D1
D2
D3
Rosc
Cosc
IR / RF
ORG
N.C
10K
12V
18
45
M320EA/B
OSC
VDD
VSS
DO
K3
K2
K1
K0
IR / RF
Rosc
18
45
M320EA/B
12V
OSC
VDD
VSS
DO
IR / RF
Rosc
K3
K2
K1
K0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com