Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3EB Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M3EB
Description  3-STATE 59,049 CODES 30 SECOND POWER OFF DIRECT DATA TRANSMIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M3EB Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M3EB Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3-STATE 59,049 CODES
3 態 59,049 碼
30 SECOND POWER OFF
30 秒自動斷電
DIRECT DATA TRANSMIT
單鍵發射
1/1
2008-10-03
EN/DECODER
M3EB/M3DB
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
EN/DE
編/解碼
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
‧ M3DB:Momentary DATA ─ suffix-M.
‧ M3EB:
‧ Built-in IR carrier ─ suffix-I.
‧ Data transmit over 30 second auto power off.
‧ 8 or 10 tri-state code address pins.
‧ M3EB-2:10 address,2 data.
‧ M3EB-4:8 address,4 data.
‧ Single resistor oscillator.
‧ 2 or 4 direct date transmit ( internal pull-low resister ).
APPLICATION 產品應用
‧ Security alarm, Remote control. 防盜系統, 任何遙控裝置.
ELECTRICAL CHARACTERISTICS 電氣規格
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
2.4
─
12
V
工作電流 Operating Current
I
OP
─
0.3
1
mA
No load
靜態電流 Quiescent Current
I
SB
─
110
uA
推動電流 Driving Current
I
OL
─
2
─
mA
@V
DS=1.2V
─
152
─
KHz
M3EB:External±30%,Rosc=470KΩ
振盪頻率 Oscillator Frequency
F
OSC
─
38
─
KHz
M3DB:External±30%,Rosc=1.2MΩ
工作溫度 Operating Temperature
Temp.
-20
25
70
℃
APPLICATION DIAGRAM 參考電路圖
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
BIT FORMAT
"1"
"0"
"X"
PROTOCOL
DATA
D0 ~ D4
DOUT
VT
D0~3
T
T
T
A5
A0
A1
A2
A3
A4
A6
A7
VSS
VDD
1
0
VDD
DOUT
OSC
Rosc
M3EB
IR / RF
D3
D2
A9/D1
A8/D0
116
89
VSS
M3DB
VDD
VT
X
Y
D3
D2
A9/D1
A8/D0
DIN
Rosc
118
910
A5
A0
A1
A2
A3
A4
A6
A7
VDD
1
0
IR / RF


Similar Part No. - M3EB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3EB ETC2-M3EB Datasheet
89Kb / 7P
3 STATES ENCODER
M3EB-2 ETC2-M3EB-2 Datasheet
89Kb / 7P
3 STATES ENCODER
M3EB-2I ETC2-M3EB-2I Datasheet
89Kb / 7P
3 STATES ENCODER
M3EB-2IS ETC2-M3EB-2IS Datasheet
89Kb / 7P
3 STATES ENCODER
M3EB-2S ETC2-M3EB-2S Datasheet
89Kb / 7P
3 STATES ENCODER
More results

Similar Description - M3EB

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
DM74LS253 FAIRCHILD-DM74LS253 Datasheet
56Kb / 6P
3-STATE Data Selector/Multiplexer
logo
List of Unclassifed Man...
M45026 ETC-M45026 Datasheet
115Kb / 2P
145026 COMPATIBLE 3 STATE 19,683 CODES
M320EA ETC-M320EA Datasheet
115Kb / 1P
2-STATE 1048576 CODES OTP ENCODER
logo
Holtek Semiconductor In...
HT81003 HOLTEK-HT81003_02 Datasheet
142Kb / 8P
EasyVoiceTM 3-Second Speech
January 22, 2002
logo
MOSDESIGN SEMICONDUCTOR...
M320EA MOSDESIGN-M320EA Datasheet
137Kb / 1P
2-STATE 1048576 CODES OTP ENCODER
2012-04-06
M3E MOSDESIGN-M3E Datasheet
118Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
2012-04-10
M5E MOSDESIGN-M5E Datasheet
158Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
2012-04-11
M3162 MOSDESIGN-M3162 Datasheet
241Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER
2007-10-11
M45026 MOSDESIGN-M45026 Datasheet
171Kb / 2P
145026 COMPATIBLE 3 STATE 19,683 CODES
2012-04-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com