Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-M700-RXAE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-M700-RXAE
Description  Interchangeable Display Modules with 12" XGA / 15" XGA / 17" SXGA/ 19" SXGA / 15.6" FHD / 18.5" HD / 21.5" FHD / 23.8" FHD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-M700-RXAE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-M700-RXAE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-M700-RXAE Datasheet HTML 2Page - Advantech Co., Ltd. FPM-M700-RXAE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
8 x Interchangeable Display Modules for
TPC-B200/B500/B510/B610 Computing Box
and FPM-B700 Monitor Box
Dimensions
Unit: mm
Ordering Information
Panel Module P/N
FPM-D12T-BE
FPM-D15T-BE
FPM-D17T-BE
FPM-D19T-BE
FPM-D15W-FBE
FPM-D18W-BE
FPM-D21W-BE
FPM-D24W-BE
Description
12.1" XGA TFT
LED LCD
15" XGA TFT LED
LCD
17" SXGA TFT
LED LCD
19" SXGA TFT
LED LCD
15.6" FHD TFT
LED LCD
18.5" HD TFT
LED LCD
21.5" FHD LED
LCD
23.8" FHD TFT
LED LCD
Note: Display modules cannot work independently. A computing box (TPC-B200/500) or a monitor box (FPM-B700) is compulsory to operate the display module.
Configurable Rear Computing Box
Box Module P/N
Description
TPC-B200-J12AE
Intel® Celeron® J3455 1.50 GHz processor with 4 GB DDR3L
TPC-B200-E12AE
Intel® Atom™ E3940, 1.60 GHz, processor with 4GB DDR3L
TPC-B500-633BE
Intel® Core™ i3-6100U 2.30 GHz processor with 8 GB DDR4
TPC-B500-673BE
Intel® Core™ i7-6600U 2.60 GHz processor with 8 GB DDR4
TPC-B500-653BE
Intel® Core™ i5-6300U 2.40 GHz processor with 8 GB DDR4
TPC-B510-833BE
Intel® Core™ i3-8145UE 2.20GHz Dual-core Processor,
8G DDR4 RAM
TPC-B510-873BE
Intel® Core™ i7-8665UE 1.70GHz Quad-core Processor,
8G DDR4 RAM
TPC-B510-853BE
Intel® Core™ i5-8365UE 1.60 GHz Quad-core Processor,
8G DDR4 RAM
TPC-B510-833BC
Intel® Core™ i3-8145UE 2.20GHz Dual-core Processor,
8G DDR4 RAM (Mfg: China)
TPC-B510-853BC
Intel® Core™ i5-8365UE 1.60 GHz Quad-core Processor,
8G DDR4 RAM (Mfg: China)
TPC-B510-873BC
Intel® Core™ i7-8665UE 1.70GHz Quad-core Processor,
8G DDR4 RAM (Mfg: China)
TPC-B610H-A00A
Intel® 10th Gen. Core™ i CPU Socket (LGA1200), H420E,
PCIex16, PCI
TPC-B610W-A00A
Intel® 10th Gen. Core™ i CPU Socket (LGA1200), W480E,
PCIex16, PCIex4, NVMe, RAID 0/1, ECC
X2
R5
Panel Cutout
X1
Z1
System Dimensions
Panel Mount
Display Type
X1
Y1
Z1
X2
Y2
12" (XGA)
311.8
238
27.1
303
229
15" (XGA)
383.2
307.3
27.5
374.5
298.5
15.6" (HD)
419.7
269
30.
412.4
261.7
15.6" (FHD)
419.7
269
30.
412.4
261.7
17" (SXGA)
410.4
343.4
28.3
401.3
334.8
18.5" (HD)
488
309
30.3
479.3
300.3
19" (SXGA)
454
379.8
51.5
443.5
369.3
21.5" (FHD)
558.4
349.8
30.3
550.3
341.8
23.8" (FHD)
595.9
374.1
30.3
587
365.3
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
TPC-B610 does not support FPM-D12T-BE
Configurable Rear Monitor Box
Box Module P/N
Description
FPM-B700-BE
Monitor Rear Box
Note: FPM-B700 does not include an I/O module. I/O module (FPM-M700) is Compulsory for video input
and touch signal connection.
Configurable I/O Module for Monitor Box
I/O Module P/N
Description
FPM-M700-HDAE
HDMI + USB Touch Module
FPM-M700-DPAE
Display + USB Touch Module
FPM-M700-TRAE
iLINK Tx + Rx Module
FPM-M700-RXAE
iLINK Rx Module
Optional Accessories
Part Number
Description
98R35000000
USB NFC/RFID module ADT-006 (via CTOS)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com