Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-M700-RXAE Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # FPM-M700-RXAE
Description  Interchangeable Display Modules with 12" XGA / 15" XGA / 17" SXGA/ 19" SXGA / 15.6" FHD / 18.5" HD / 21.5" FHD / 23.8" FHD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-M700-RXAE Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  FPM-M700-RXAE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-M700-RXAE Datasheet HTML 2Page - Advantech Co., Ltd. FPM-M700-RXAE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Modular Panel PCs
8 x Interchangeable Display Modules for
TPC-B200/B500/B510/B610 Computing Box
and FPM-B700 Monitor Box
Packing List
FPM-D12T-BE
Item
Part No.
Depiction
Qty
CLAMPER
1962055040
CLAMPER PPC-55 M1632611 A2
8
CLAMPER Screw
1935042520
Screw M4x25L R/S D=8.3 H=2.5 (2+) ST BZn
8
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1
FPM-D15W-FBE
Item
Part No.
Depiction
Qty
CLAMPER
1960018986T000
Clamper-bezel M5 for TPC-1770 A1
10
CLAMPER Screw
1935052000
Screw M5x20L R/S D=9 H=3 (2+) ST N
10
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1
FPM-D15T-BE
Item
Part No.
Depiction
Qty
CLAMPER
1962055040
CLAMPER PPC-55 M1632611 A2
10
CLAMPER Screw
1935042520
Screw M4x25L R/S D=8.3 H=2.5 (2+) ST BZn
10
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1
FPM-D17T-BE
Item
Part No.
Depiction
Qty
CLAMPER
1960018986T000
Clamper-bezel M5 for TPC-1770 A1
10
CLAMPER Screw
1935052000
Screw M5x20L R/S D=9 H=3 (2+) ST Ni
10
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1
FPM-D18W-BE
Item
Part No.
Depiction
Qty
CLAMPER
1960018986T000
Clamper-bezel M5 for TPC-1770 A1
12
CLAMPER Screw
1935052000
Screw M5x20L R/S D=9 H=3 (2+) ST Ni
12
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1
FPM-D19T-BE
Item
Part No.
Depiction
Qty
CLAMPER
1960064704T000
Clamper for PPC-3120
12
CLAMPER Screw
1930005598
Screw SP/S M6*21L D=9 H=2+ ST BZn
12
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1
FPM-D21W-BE
Item
Part No.
Depiction
Qty
CLAMPER
1960018986T000
Clamper-bezel M5 for TPC-1770 A1
12
CLAMPER Screw
1935052000
Screw M5x20L R/S D=9 H=3 (2+) ST Ni
12
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1
FPM-D24W-BE
Item
Part No.
Depiction
Qty
CLAMPER
1960018986T000
Clamper-bezel M5 for TPC-1770 A1
14
CLAMPER Screw
1935052000
Screw M5x20L R/S D=9 H=3 (2+) ST Ni
14
WARRANTY
2190000902
CARDBOARD-WARRANTY REV. A2
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com