Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306CACBZ-1.2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3306CACBZ-1.2-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306CACBZ-1.2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3306CACBZ-1.2-R7 Datasheet HTML 6Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 7Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 11Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 12Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3306
10
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Refer to the Block Diagram for reference.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance,
RMS current rating, saturation current rating, DCR, and
core loss.
If the duty cycle of operation is 50% or less choose the
inductor based on Equation 1.
L ≈
VOUT
0.3 •IMAX • fSW
• 1
−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
(1)
where fSW is the switching frequency and IMAX is 1.75A, the
maximum rated load current for the LTC3306. For opera-
tion at duty cycles higher than 50%, use Equation 2 to
select the inductor.
L ≈
VIN(MAX)
0.3 •IMAX • 4 • fSW
(2)
To avoid overheating of the inductor, choose an inductor
with an RMS current rating that is greater than the maxi-
mum expected output load of the application. Overload
and short-circuit conditions may need to be taken
into consideration.
The saturation current rating (typically labeled ISAT) of
the inductor must be higher than the maximum expected
load current plus half the inductor ripple current (see
Equation 3).
ISAT >ILOAD MAX
(
) +
1
2
∆IL
(3)
where ILOAD(MAX) is the maximum output load current for
a given application and ΔIL is the inductor ripple current
calculated using Equation 4.
∆IL =
VOUT
L • fSW
• 1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
(4)
A more conservative choice would be to use an inductor
with an ISAT rating higher than the maximum current limit
of the LTC3306.
To keep the efficiency high, choose an inductor with low
series resistance (DCR). The core material should be
intended for high frequency applications. Table 1 shows
recommended inductors from several manufacturers.
Table 1. Recommended Inductors
MANUFACTURER
FAMILY
L (nH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H)
Murata
DFE18SAN_E0
470 to 1000
2 to 3.1
64 to 144
1.6 × 0.8 × 0.8
Murata
DFE18SAN_G0
470 to 1000
2.1 to 3.3
54 to 128
1.6 × 0.8 × 1.0
Murata
DFE201210U
470 to 1000
3.1 to 4.4
42 to 95
2.0 × 1.2 × 1.0
Murata
DFE201612E
470 to 1000
4.0 to 5.5
26 to 48
2.0 × 1.6 × 1.2
TDK
TFM160808ALC
470
2.9
62
1.6 × 0.8 × 0.8
Taiyo Yuden
MCHK1608
470 to 1000
2.2 to 3.3
43 to 110
1.6 × 0.8 × 0.8
Taiyo Yuden
MCHK2012
470 to 1000
2.26 to 3.21
36 to 111
2.0 × 1.2 × 0.8
Taiyo Yuden
MCKK2012
470 to 1000
3.6 to 4.5
39 to 90
2.0 × 1.2 × 1.0
Littlefuse
LPWI1608
470 to 1000
2.0 to 3.4
45 to 150
1.6 × 0.8 × 0.8
Littlefuse
LPWI201208
470 to 1000
3.4 to 5.0
35 to 65
2.0 × 1.2 × 0.8
Littlefuse
LPWI201210
470 to 1000
3.5 to 5.4
28 to 60
2.0 × 1.2 × 1.0
Wurth Elektronik
74479262147
470
1.5
87
1.6 × 0.8 × 0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com