Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306CACBZ-1.2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC3306CACBZ-1.2-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306CACBZ-1.2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC3306CACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 11Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 12Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 15Page - Analog Devices LTC3306CACBZ-1.2-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LTC3306
15
Rev. 0
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
PACKAGE DESCRIPTION
BOTTOM VIEW
(BALL SIDE UP)
6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6-19)
Dimensions shown in millimeters
A
B
C
0.660
0.600
0.540
0.390
0.360
0.330
0.270
0.240
0.210
1.07
1.03
0.99
1.68
1.64
1.60
1
2
0.360
0.320
0.280
1.00
REF
0.50
BSC
COPLANARITY
0.05
TOP VIEW
(BALL SIDE DOWN)
END VIEW
SEATING
PLANE
BALL A1
IDENTIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com