Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3313 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3313
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3313 Datasheet HTML 17Page - Analog Devices LTC3313 Datasheet HTML 18Page - Analog Devices LTC3313 Datasheet HTML 19Page - Analog Devices LTC3313 Datasheet HTML 20Page - Analog Devices LTC3313 Datasheet HTML 21Page - Analog Devices LTC3313 Datasheet HTML 22Page - Analog Devices LTC3313 Datasheet HTML 23Page - Analog Devices LTC3313 Datasheet HTML 24Page - Analog Devices LTC3313 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3313
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Dual-Phase, 2MHz, 5V to 3.3V, 30A, Forced Continuous Mode
LTC3313
LTC3313
3313 TA02
VOUT
3.3V
30A
PGOOD
SW
FB
RT
EN
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
22µF
×3
22µF
NC
22µF
×3
22µF
0.1µF
0.1µF
0.1µF
4.7pF
1µF
1µF
22µF
22µF
0.1µF
L, 120nH
PGOOD
L, 120nH
3.32k
1M
100k
680pF
0.1µF
PGOOD
L = COILCRAFT XGL4018-121MEC
VIN
VIN
4.5V TO 5.5V
PGND
AGND
SSTT
VIN
VIN
VIN
PGND
AGND
274k
100k
48.7k
274k
180°
0°
MODE/SYNC
ITH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com