Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3313 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3313
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3313 Datasheet HTML 20Page - Analog Devices LTC3313 Datasheet HTML 21Page - Analog Devices LTC3313 Datasheet HTML 22Page - Analog Devices LTC3313 Datasheet HTML 23Page - Analog Devices LTC3313 Datasheet HTML 24Page - Analog Devices LTC3313 Datasheet HTML 25Page - Analog Devices LTC3313 Datasheet HTML 26Page - Analog Devices LTC3313 Datasheet HTML 27Page - Analog Devices LTC3313 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC3313
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Four-Phase, 2MHz, 1.2V, 60A, Driven with External Clock, Forced Continuous Mode
EXTERNAL
CLOCK
LTC3313
LTC3313
LTC3313
LTC3313
3313 TA05
VOUT
1.2V
60A
PGOOD
SW
FB
RT
EN
MODE/SYNC
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
22µF
×2
22µF
×2
22µF
×2
22µF
×2
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
22µF
1µF
L, 80nH
22µF
1µF
L, 80nH
22µF
1µF
L, 80nH
22µF
1µF
10µF
10µF
10µF
10µF
22µF
22µF
22µF
22µF
L, 80nH
0.1µF
3.32k
680pF
NC
NC
NC
VIN
VIN
3.0V TO 5.5V
PGND
AGND
SSTT
VIN
VIN
VIN
VIN
VIN
PGND
AGND
VIN
VIN
PGND
AGND
VIN
VIN
PGND
AGND
301k
100k
100k
301k
180°
90°
0°
270°
140k
100k
6.8pF
VIN
PGOOD
PGOOD
PGOOD
PGOOD
L = COILCRAFT XEL4020-800MEC
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com