Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 4 Page - Analog Devices

  LTC3370 Datasheet HTML 1Page - Analog Devices LTC3370 Datasheet HTML 2Page - Analog Devices LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3302
4
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3302 is tested under pulsed load conditions such
that TJ ≈ TA. The LTC3302R is guaranteed over the –40°C to 150°C
operating junction temperature range. The LTC3302J is guaranteed
over the –40° C to 150°C operating junction temperature range. High
junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures above 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance, and other environmental
factors. The junction temperature (TJ in °C) is calculated from ambient
temperature (TA in °C) and power dissipation (PD in Watts) according
to the formula: TJ = TA + (PD • θJA), where θJA (in °C/W) is the package
thermal impedance.
The LTC3302 includes overtemperature protection that protects the device
during momentary overload conditions. Junction temperatures exceed
150°C when overtemperature protection is engaged. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 3: Supply current specification does not include switching currents.
Actual supply currents are higher.
ELECTRICAL CHARACTERISTICS
Switch On-Resistance vs VIN
Switch On-Resistance
vs Temperature
Switching Frequency vs VIN
Normalized Regulation Voltage
(to 1.2V) vs Temperature
Minimum On-Time vs VIN
Minimum On-Time vs Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.190
1.191
1.192
1.193
1.194
1.195
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
1.205
3302 G01
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
10
20
30
40
50
60
70
3302 G02
150°C
25°C
–50°C
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
10
20
30
40
50
60
70
3302 G03
PMOS
NMOS
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
0
15
30
45
60
75
90
105
120
135
150
3302 G04
VIN = 3.3V
PMOS
NMOS
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
30
60
90
120
150
3302 G05
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.85
1.88
1.91
1.94
1.97
2.00
2.03
2.06
2.09
2.12
2.15
3302 G06
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com