Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 3 Page - Analog Devices

  LTC3370 Datasheet HTML 1Page - Analog Devices LTC3370 Datasheet HTML 2Page - Analog Devices LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3302
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Operating Supply Voltage (VIN)
l
2.25
5.5
V
VIN Undervoltage Lockout
VIN Undervoltage Lockout Hysteresis
VIN Rising
l
2.0
2.1
150
2.2
V
mV
VIN Quiescent Current in Shutdown
VEN = 0.1V
1
2
µA
VIN Quiescent Current (Note 3)
Burst Mode Operation, Sleeping
All Modes, Not Sleeping
80
1.2
120
2
µA
mA
Enable Threshold
Enable Threshold Hysteresis
VEN Rising
l
0.375
0.4
50
0.425
V
mV
EN Pin Leakage
VEN = 0.5V
−20
20
nA
Voltage Regulation
Regulated FB or Output Voltage (FB or VOUT)
% of Selected FB or VOUT,
0.5V ≤ FB or VOUT ≤ 3.65V
l
99
100
101
%
Feedback Voltage Line Regulation
VIN = MAX (2.25V, VOUT + 150mV) to 5.5V
0.015
0.05
%/V
Minimum On Time (tON,MIN)
VIN = 5.5V
l
27
50
ns
Maximum Duty Cycle
l
100
%
Top Switch ON-Resistance
85
mΩ
Bottom Switch ON-Resistance
30
mΩ
Top Switch Current Limit (IPEAKMAX)
VOUT/VIN ≤ 0.2
2.9
3.2
3.5
A
Bottom Switch Current Limit (IVALLEYMAX)
2.7
A
Bottom Switch Reverse Current Limit (IREVMAX)
Forced Continuous Mode
–2.0
–1.0
–0.5
A
SW Leakage Current
VEN = 0.1V
–100
100
nA
Power Good and Soft-Start
PGOOD Rising Threshold
PGOOD Hysteresis
As a Percentage of the Regulated VOUT
l
l
97
0.7
98
1.2
99
1.7
%
%
Overvoltage Rising Threshold
Overvoltage Hysteresis
As a Percentage of the Regulated VOUT
l
l
107
1
110
2.2
114
3.5
%
%
PGOOD Delay
120
µs
PGOOD Pull-Down Resistance
VPGOOD = 0.1V
10
20
Ω
PGOOD Leakage Current
VPGOOD = 5.5V
20
nA
Soft-Start Duration
l
0.25
1
3
ms
Default Oscillator Frequency
LTC3302A
l
1.85
2
2.15
MHz
LTC3302C
l
5.55
6
6.45
MHz
Oscillator and MODE/SYNC
Frequency Synchronization Range
Percentage of Nominal Frequency Range
l
−20
20
%
Minimum SYNC High or Low Pulse Width
l
40
ns
SYNC Pulse Voltage Levels
Level High
Level Low
l
l
1.2
0.4
V
V
MODE/SYNC No Clock Detect Time
Percentage of Nominal Period
50
%
MODE/SYNC Pin Threshold
For Programming Forced Continuous Mode
For Programming Pulse-Skipping Mode
For Programming Burst Mode Operation
l
l
l
1.0
VIN – 0.1
Float
0.1
VIN – 1.0
V
V
V
The l denotes the specifications which apply over the specified operating
junction temperature range (Note 2), otherwise specifications are at TA = 25°C; VIN = 4V, VEN = VIN, MODE/SYNC = Float, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com