Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5821 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS5821
Description  21:3 LVDS Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5821 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS5821 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CS5821
Century Semiconductor Inc.
page 3 of 14
PIN DESCRIPTION
Name
Pin
Description
AIP,
AIM
I
LVDS data channel A input. These are differential LVDS inputs for A channel
corresponds to D[0-6]. AIP is the positive data input and AIM is the negative input.
BIP,
BIM
I
LVDS data channel B output. These are differential LVDS inputs for B channel
corresponds to D[7-13].
CIP,
CIM
I
LVDS data channel C output. These are differential LVDS outputs for C channel
corresponds to D[14-21].
CKIP,
CKIM
I
LVDS clock channel input. These are differential LVDS input for the frame sync clock.
The clock is sent to an on-chip PLL to generate 7X serial clock; An phase aligner is used
to align the deserializer clock.
D[0-6]
O
Parallel data output for LVDS channel A. D[0] is LSB and D[6] is MSB. MSB is shifted in
first.
D[7-13]
O
Parallel data output for LVDS channel B. D[7] is LSB and D[13] is MSB.
D[14-20]
O
Parallel data output for LVDS channel C. D[14] is LSB and D[20] is MSB.
CLKOUT
O
Parallel data clock output. This clock signal recovered clock for data output reference.
The falling edge should be used as the strobe for the next stage.
SHTDNN
I
Shutdown control (low active). When SHTDNN is low, the internal PLL is put into inhibit
mode and all data outputs are forced low. This also resets all internal registers. For
normal operation, SHTDNN should be set to high.
VDD
P
Positive supply. A 3.3V supply should be used.
VSS
P
Negative supply. Connect to 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com