Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5821 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS5821
Description  21:3 LVDS Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5821 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS5821 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CS5821
Century Semiconductor Inc.
page 6 of 14
Switching Characteristics over recommended operating conditions (unless otherwise noted)
Switching Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tsu2
Setup time, D0 - D20 valid to CLKOUT↓
CL = 8pF (Figure-3)
5-
-
ns
th2
Hold time, CLKOUT↓ to D0 - D20 valid
5-
-
ns
tRSKM
Receive input skew margin
tc = 15.38 ns (±0.2%),
Input clock jitter < 50 ps
(Figure-4)
490
-
-
ps
td
Delay time, CLKIN↑ to CLKOUT ↓
tc = 15.38 ns (±0.2%),
CL = 8 pF
-3.7
-
ns
∆ tc(o)
Cycle time, change in output clock
period#
-
± 100
-
ps
ten
Enable time, SHTDN↑ to Dn valid
Figure-6
-
1
-
ms
tdis
Disable time, SHTDN↓ to off state
Figure-7
-
400
-
ns
tt
Transition time, output (10% to 90% tr or
tf)
CL = 8pF
-
3
-
ns
tw
Pulse duration, output clock
-
-
0.43tc
-ns
Symbol
Parameter
Min
Typ
Max
Unit
LHT
low to high transition time
-2.2
5
ns
HLT
high to low transitions time
-2.2
5
ns
Pos0
input strobe position for bit 0 (f = 65MHz)
0.7
1.1
1.4
ns
Pos1
input strobe position for bit 1 (f = 65MHz)
2.9
3.3
3.6
ns
Pos2
input strobe position for bit 2 (f = 65MHz)
5.1
5.5
5.8
ns
Pos3
input strobe position for bit 3 (f = 65MHz)
7.3
7.7
8.0
ns
Pos4
input strobe position for bit 4 (f = 65MHz)
9.5
9.9
10.2
ns
Pos5
input strobe position for bit 5 (f = 65MHz)
11.7
12.1
12.4
ns
Pos6
input strobe position for bit 6 (f = 65MHz)
13.9
14.3
14.6
ns
SKM
Rxin skew margin (f = 65MHz)
400
-
-
ps
COP
RxCLK OUT Period
14.7
-
32.2
ns
COH
RxCLK OUT high time (f = 65MHz)
7.5
-
-
ns
COL
RxCKK OUT low time (f = 65MHz)
3.5
-
-
ns
SRC
RxOUT setup to RxCLKOUT (f = 65MHz)
2.5
-
-
ns
HRC
RxOUT hold to RxCLKOUT (f = 65MHz)
2.5
-
-
ns
CCD
RxCLK In to RxCLK OUT delay
5-
9
ns
PLLs
Phase Lock Loop set
--
10
ms
PDD
Power down delay
--
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com