Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPH3R3030 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # EPH3R3030
Description  Output Side Ta 40 ~ 85 Vi 36 ~75 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

EPH3R3030 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  EPH3R3030 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Modular lead : 220°C max.
300
250
200
150
100
50
0
0
40
80
120
160
200
240
280
300
(Seconds)
(°C)
220°C min.
Within 40 seconds
Within 5 seconds
1) The atmospheric temperature of the modular lead should be 220
°C for no more than 5 seconds.
2) Refer to the graph above for an example of a recommended profile.
3) Precautions Concerning Heating Method
Since allowing the PWB to stand at a high temperature for an extended period of time may have a detrimental effect on reliability,
it is necessary to perform soldering as quickly as possible to prevent the temperature of the PWB from rising excessively.
In addition, since areas of local temperature rise may occur when using a halogen lamp or infrared heater, avoid irradiating the
surface of the PWB directly.
Temperature Profile



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com