Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPH3R3030 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # EPH3R3030
Description  Output Side Ta 40 ~ 85 Vi 36 ~75 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

EPH3R3030 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  EPH3R3030 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd EPH3R3030 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
90
85
80
75
70
65
60
55
50
45
40
0
0.5
1.0
1.5
2.0
2.5
0.5
1.0
1.5
2.0
2.5
3.0
0
3.0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
5
0
3.5
3.4
3.3
3.2
3.1
3.0
0
4
3
2
1
∆120mV
3.448V(Vin=75V)
3.328V(Vin=75V)
Vin=36V
Vin=48V
Vin=60V
Vin=75V
Vin=36V
Vin=48V
Vin=60V
Vin=75V
Vin=75V
=48V
=60V
=36V
0
07
12345
6
Vin=36V
=48V
=60V
=75V
1
2
3
4
Efficiency Curve (Ta=25°C)
Io [A]
Loss Curve (Ta=25°C)
Io [A]
Load Regulation (Ta=25°C)
Io [A]
Over Current (Ta=85°C)
Io [A]
EPH3R 3030
[1] Electrical Specification
Output Side Ta
−40~85°C Vi 36~75V
Unit
Output
Conditions
Characteristics
Max.
Typ.
Min.
V
3.46
3.3
3.2
Ta=25
°C Io =0~3A Vi =48V
Output Voltage Initial Setting
Vo
mV
30
Io=3A Vi =36~75V
Line Regulation
mV
75
Io=0~3 A Vi =48V
Load Regulation
A
3
0
Output Current
Io
W
10
Po Max
A
3.1
Output Over Current Limit
V
4.62
3.96
Output Over Voltage Protection
V
2.97
Output Low Voltage Protection
mV PP
100
30
20Hz~5MHz
0.6Hz~50MHz
Io =Io Max.
Output Ripple & Noise
Voac
dBµV
80
[2] Efficiency & Power Dissipation
Unit
Max.
Typ.
Min.
Conditions
Characteristics
%
84
Io =3A Vi =48V
Efficiency
η
W
1.8
Io =3A Vi =48V
Power Dissipation
Pd


Similar Part No. - EPH3R3030

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
EPH3006 ISC-EPH3006 Datasheet
284Kb / 2P
Hyperfast Rectifier
logo
Vishay Siliconix
EPH3006-F3 VISHAY-EPH3006-F3 Datasheet
230Kb / 10P
Hyperfast Rectifier, 30 A FRED Pt
24-May-11
logo
Inchange Semiconductor ...
EPH3006L ISC-EPH3006L Datasheet
384Kb / 2P
Hyperfast Rectifier
EPH3006LHN3 ISC-EPH3006LHN3 Datasheet
321Kb / 2P
Hyperfast Recovery Diode
More results

Similar Description - EPH3R3030

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
36 - 75 Vdc Input; 28Vdc Output; 700W Output
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
36 - 75 Vdc Input; 30.2Vdc Output; 250W
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
36 - 75 Vdc Input; 28Vdc Output; 350W Output
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
DC/DC converters, Input 36-75 V, Output 30 A/90 W
logo
Bel Fuse Inc.
SQE48T40018 BEL-SQE48T40018 Datasheet
1Mb / 13P
36-75 VDC Input; 1.8 VDC @ 40 A Output
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
36-75 VDC Input; 1.2 VDC @ 50 A Output
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com