| Electronic Components Datasheet Search |
|
32WAADPROUMS01 Datasheet(PDF) 2 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
32WAADPROUMS01 Datasheet(HTML) 2 Page - Advantech Co., Ltd. |
|
2 / 3 page ![]() www.advantech.com/products Online Download Integrated with Google Maps and GPS Tracking WebAccess/SCADA integrates real-time data from physical sites with Google Maps and GPS location tracking, enabling users to remotely monitor building energy consumption, field production rates, highway traffic flow, and alarm status information. By right-clicking on Google Maps or entering the coordinates of a target location, users can create markers for up to three sites for tracking real-time data. This functionality can then be integrated with GPS modules to track marker locations via Google Maps, enabling the data to be shared with relevant in-vehicle systems. WebAccess Express - The Auto-Configuration Tool Advantech’s WebAccess Express is an automated graphical application that gives remote control of device information with a single click. It can automatically discover ADAM and EKI modules connected via a network or serial port, and it can upload real-time data to a database through preconfigured monitoring interfaces. The tool also provides remote monitoring functions by allowing for data exchange/communication with SNMP, DiagAnywhere Server, or SUSI 4.0 APIs, and it allows users to check the CPU health, memory, temperature, and voltage of target machines. Integrating SNMP, DiagAnywhere, and SUSI API drivers means that WebAccess/SCADA can be configured to issue an alarm when abnormal or suspicious data are detected. Integrated with WISE-PaaS/VideoCMS WebAccess/SCADA is integrated with WISE-PaaS/VideoCMS to provide a comprehensive video management solution that supports real-time monitoring and video playback. With this intelligent video surveillance system, events can be displayed as alarms and the corresponding video can be played back accordingly. Integrated with WebAccess/NMS WebAccess/NMS is an HTML5-based network device management system that can be easily integrated with a web interface. Additionally, with WebAccess/SCADA graphics, users can examine event logs and monitor the real-time status of network devices in the network topology. Integrated with WISE-PaaS/RMM Previously, WebAccess/SCADA supported only sensor and device monitoring. Now, with the integration of WISE-PaaS/RMM, it also provides support for monitoring of the status of equipment, such as the CPU temperature, CPU usage, and board temperature, thereby enabling remote equipment monitoring. Powerful Excel Reports For self-defined reporting, WebAccess/SCADA provides a function for exporting reports to Microsoft Excel. Users can build self-defined Excel templates for automatically generating on-demand or periodic reports that can be emailed to users in .pdf or .csv format. Additionally, because the Excel report function is web-based, this means that reports can be generated and accessed via a web browser from any location. However, users will need to have purchased a Microsoft Excel license. Open Data Connectivity For integration with third-party software, WebAccess/SCADA supports OPC UA/DA, DDE, Modbus, and BACnet server/client for real-time online data exchanges. Through the ODBC interface, WebAccess/SCADA can restore historical data in Microsoft SQL Server, Oracle, MySQL, and Microsoft Access for offline data sharing with MES or ERP systems. Real-Time Database The WebAccess/SCADA Real-Time Database (RTDB) was designed to meet industrial needs for high-speed, large-volume data access. The RTDB’s fully integrated design means that users do not need to learn how to operate the database. Instead, users can enable RTDB use on the WebAccess configuration page for the WebAccess SCADA node to conduct data processing (simultaneous collection and retrieval) at a scale of millions of records per second. Moreover, the RTDB maintenance feature automatically archives and deletes obsolete data. Multitouch Gesture Support WebAccess/SCADA supports multitouch operation and various preset gestures, such as flick for page turning and zoom in/out, in addition to two-handed operation. This more intuitive handling style maximizes operating safety, increases usability, and reduces training time. Furthermore, WebAccess/SCADA also supports multipoint tap/grab/spread gestures to initiate predefined actions. Redundant SCADA Nodes, COM Ports, and Devices Advantech’s WebAccess/SCADA ensures continuous reliable communication with automation equipment. The WebAccess backup node activates when the primary node is down. WebAccess/SCADA device drivers are designed to communicate with backup ports and devices whenever the primary connection is lost and to automatically restore to the primary connection when it becomes available. WebAccess/SCADA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |