Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32WAADPROUMS01 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # 32WAADPROUMS01
Description  Browser-Based SCADA Software
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

32WAADPROUMS01 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  32WAADPROUMS01 Datasheet HTML 1Page - Advantech Co., Ltd. 32WAADPROUMS01 Datasheet HTML 2Page - Advantech Co., Ltd. 32WAADPROUMS01 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WISE-PaaS/IIoT & WebAccess Software
Software Specifications
Advantech WebAccess Professional
ƒ
Number of I/O Tags
150 tags base/Unlimited
ƒ
Number of Internal Tags
150 tags base/Unlimited
ƒ
Number of additional Tags
100 tags per upgrade purchase
ƒ
Number of Web Clients
32 clients simultaneously (free)
ƒ
Number of Drivers
Supports over 450 types of PLCs and TRUs
Graphics
ƒ
Number of Graphic Pages
Unlimited (subject to HDD size)
ƒ
Variables Per Graphic Pages 4,000
ƒ
Built-in Gallery
Yes
ƒ
Multi-Touch Gesture
Yes
HTML5 Dashboard
ƒ
Cross Browser and Platform Yes
ƒ
WISE-PaaS/Dashboard
Yes
Network Architecture
ƒ
SCADA Node Redundancy
Yes
ƒ
Device Redundancy
Yes
ƒ
Super SCADA with
Yes
Breakpoint Resume
Alarm and Trend Log
ƒ
Number of Alarm Logs
30,000
ƒ
Number of Action Logs
30,000
ƒ
Number of Data Logging
Number of I/O tags x 2
ƒ
Alarm Groups per SCADA
9,999
Open Connectivity
ƒ
OPC DA/UA Server/Client
Yes
ƒ
Modbus Server
Yes
ƒ
BACnet Server
Yes
ƒ
DDE Server
Yes
Open Interface
ƒ
Windows API
Yes
ƒ
RESTful API
Yes
Web-enabled Integration
ƒ
Video
Yes
ƒ
Google Maps and GPS
Yes
Location Tracking
Report
ƒ
Web-Based Report
Yes
ƒ
Excel Report
Yes
ƒ
Send Email by PDF or Excel Yes
Others
ƒ
Database
SQL Server/Oracle/MySQL/MS Access/
PosgreSQL via ODBC
ƒ
Script Language
TclScript/VBScript/JScript (can be encrypted)
ƒ
Supports IPv6
Yes
ƒ
WebAccess APP
Yes
ƒ
Electronic Signature
Yes, conforms to 21 CFR Part 11
ƒ
Scheduler
Yes
ƒ
Receipt
Yes
Ordering Information
USB dongle license
ƒ
WA-P84-U075E
WebAccess Professional , 75 tags
ƒ
WA-P84-U150E
WebAccess Professional , 150 tags
ƒ
WA-P84-U300E
WebAccess Professional , 300 tags
ƒ
WA-P84-U600E
WebAccess Professional , 600 tags
ƒ
WA-P84-U15HE
WebAccess Professional , 1500 tags
ƒ
WA-P84-U50HE
WebAccess Professional , 5000 tags
ƒ
WA-P84-U20KE
WebAccess Professional , 20000 tags
ƒ
WA-P84-U64KE
WebAccess Professional , Unlimited tags
Upgrade tags
ƒ
WA-X84-P075E
WebAccess Professional, 75 Tags upgrade
ƒ
WA-X84-P300E
WebAccess Professional, 300 Tags upgrade
ƒ
WA-X84-P600E
WebAccess Professional, 600 Tags upgrade
ƒ
WA-X84-P15HE
WebAccess Professional, 1,500 Tags upgrade
ƒ
WA-X84-P50HE
WebAccess Professional, 5,000 Tags upgrade
Rebindable license: (from Marketplace)
ƒ
32WAMP000001A0
WebAccess Professional ,150 base
ƒ
32WAMP010001A0
WebAccess Professional , Upgrade tags
ƒ
32WAMP020001A0
WebAccess Professional , Unlimited Tags
Upgrade Features
ƒ
32WAMP10000100
WebAccess/SCADA SaaS composer upgrade
ƒ
32WSDASHPWA001
WebAccess/SCADA Dashboard Professional upgrade
ƒ
32WSDASHWA0P01
WebAccess/SCADA Dashboard Professional Full data
source upgrade
ƒ
32WAADPROUOE01
WebAccess/SCADA OEE/UTE upgrade
ƒ
32WAADPROUCN01
WebAccess/SCADA CNC quantity upgrade
ƒ
32WAADPROUMS01
WebAccess/SCADA Millisecond upgrade
Version Upgrade
Version Upgrade is free from Version 8.4. Just download and install any of the latest
WebAccess/SCADA 8.4.x versions, it is free of charge. No additional license amendment
required.
Minimum Requirements
Project Node/SCADA Node
ƒ
Operating System
Windows Server 2012,2016,2019,2022, Windows 10
(does not support Home or Home Premium), Windows
11, IIS 7.5, and NET Framework 4.5
ƒ
Hardware
Intel® Atom™/Celeron® dual-core processor with 4 GB
RAM and 200 GB HDD space
ƒ
Display Resolution
1024 x 768 (lower resolutions also supported)
Lower resolutions also supported
ƒ
USB
USB port for license hard key on the SCADA node
ƒ
Network Environment SCADA node must remain connected to the Internet
when using a soft key
ƒ
PC Based Key
Internet connectivity required for uploading encryption
file (WaKeyInfo.enc) for license activation process.
Does not have to be same PC while uploading.
Dashboard Viewer
ƒ
Hardware
PC: Intel® Core™ i3 with 4 GB RAM
iPhone: iPhone 6
Android: 1.5 GHz quad-core with 2 GB RAM
Windows Phone: 1.5 GHz quad-core with 2 GB RAM
ƒ
Browser
Internet Explorer: IE 11
Chrome: Version 37; Version 65 for WISE-PaaS/
Dashboard and WISE-PaaS/SaaS Composer
Safari: Version 7
WebAccess APP
ƒ
Platform Environment iOS 10 and Android 5
WebAccess/SCADA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com