Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3754/34 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3754/34
Description  Round Conductor Flat Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3754/34 Datasheet(HTML) 1 Page - 3M Electronics

  3754/34 Datasheet HTML 1Page - 3M Electronics 3754/34 Datasheet HTML 2Page - 3M Electronics 3754/34 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
.025
″ 30 AWG Stranded, PVC
3754 Series
Physical
Electrical
Note:Unbalanced is measured between ground-signal-ground conductors. Balanced is measured between signal conductors within a pair.
Environmental
*RoHS = Directive 2002/95/EC,
Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
Insulation
Material: Polyvinyl Chloride (PVC)
Color: Gray
Marking:
Standard:
None
Canadian Option:
AWM 20596 105C 30V VW1 3M NU
C
AWM IA 105C 30V FT1
EU <50V
Conductors:
30 AWG 7 X 38 [ 7 X 0.102 ] Tinned Stranded Copper
Voltage Rating:
USA: 30V
Canada: 30V
EU: <50V
Insulation Resistance: > 1
× 1010 Ω/10 ft. [ 3m ]
Unbalanced
Balanced
Characteristic Impedance:
73
Ω
122
Ω
Capacitance
: 20.8 pF/ft (68.2 pF/m)
12.0 pF/ft (39.4 pF/m)
Inductance:
.11
µH/ft (0.36 µH/m)
.18
µΗ/ft (0.59 µΗ/m)
Propagation Delay:
1.51 ns/ft (4.95 ns/m)
1.45 ns/ft (4.76 ns/m)
Velocity of Propagation:
67%
70%
Temperature Rating:
-20
°C to +105°C
Flammability Rating:
USA:VW-1 Canada:FT1
• Close spacing permits higher signal density
• PVC insulation provides excellent flexibility
• 30 AWG stranded on .025 inch spacing allows
for mass termination as well as increased flexibility
• Recommended for use with the 82XXX-600X
Series .050″ x.100″ Tripolarized Wiremount Mini
Socket (82XXX-600X) and Pak 25 (P25E-XXX-S-
TGF)
• RoHS* compliant
TS-0875-11
Sheet 1 of 2
Date Modified: March 29, 2005
UL File No.: E42769, Style No.: 20596


Similar Part No. - 3754/34

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
logo
Heyco.
3754 HEYCO-3754 Datasheet
241Kb / 1P
Nytye®Mounting Platforms
logo
Adafruit Industries
3754 ADAFRUIT-3754 Datasheet
892Kb / 3P
The 3D Printing Handbook ‐ by 3D Hubs
3-19-18
logo
SCHOTT CORPORATION
37540 SCHOTT-37540 Datasheet
39Kb / 1P
OCTAL T1/E1 TRANSFORMER
logo
Belden Inc.
37540 BELDEN-37540 Datasheet
148Kb / 2P
Lead Wire, #4/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
More results

Similar Description - 3754/34

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3709 3M-3709 Datasheet
29Kb / 2P
050 Round Conductor Flat Cable
23-Jun-1999
3749 3M-3749 Datasheet
27Kb / 2P
025 Round Conductor Flat Cable
19-Feb-1999
3849 3M-3849 Datasheet
32Kb / 2P
033 Round Conductor Flat Cable
19-Feb-1999
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
Round Conductor, Flat Cable, IDC Connectors
logo
3M Electronics
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M™ Round Conductor Flat Cable
01-Nov-2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com