Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3849 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3849
Description  033 Round Conductor Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3849 Datasheet(HTML) 1 Page - 3M Electronics

  3849 Datasheet HTML 1Page - 3M Electronics 3849 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.033
″ Round Conductor Flat Cable
30 AWG Stranded, PVC
3849 Series
124
S 30 AWG stranded wire on .0333 inch centers
permits termination to all three rows in DIN
connectors.
S Stranded wire provides flexibility and extended
product life.
S Zippable for branching or discrete termination
TS-0573-06
Sheet 1 of 2
Date Modified: February 19, 1999
Physical
Insulation
Material: Polyvinyl Chloride (PVC)
Color: Gray
Marking
Standard: None
CSA Option:
AWM 2651 105C 300V VW1
3M NU
C
AWM IA 105C 300V FT1
EU <50V
Conductors: 30 AWG 7 X 38 [ 7 X 0.102 ] Tinned Stranded Copper
Electrical
Voltage Rating: USA: 300V
Canada: 300V
EU: <50V
Insulation Resistance: > 1 X 1010
Ω/10 ft. [ 3m ]
Unbalanced
Balanced
Characteristic Impedance: 89
Ω
144
Ω
Capacitance: 17.5 pF/ft. [ 57.4 pF/m ] 10.5 pF/ft (34.5 pF/m)
Inductance: .14
µH/ft. [ 0.46 µH/m ] .22 µΗ/ft (0.72 µΗ/m)
Propagation Delay: 1.56 ns/ft. [ 5.12 ns/m ] 1.51 ns/ft (4.95 ns/m)
Velocity of Propagation: 65%
67%
Note: Unbalanced is measured between ground-signal-ground conductors. Balanced is measured between signal conductors within a pair.
Environmental
Temperature Rating: –20
°C to +105°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No.: 2651


Similar Part No. - 3849

ManufacturerPart #DatasheetDescription
logo
Heyco.
3849 HEYCO-3849 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
3M Electronics
3849-96 3M-3849-96 Datasheet
966Kb / 5P
3M™ Round Conductor Flat Cable
May 12, 2009
logo
List of Unclassifed Man...
38492M200N082V ETC2-38492M200N082V Datasheet
409Kb / 10P
105 ?C High-Ripple Snap-In
logo
ERNI Electronics
384974 ERNI-384974 Datasheet
58Kb / 1P
1,27 SRC P, 2-polig
384975 ERNI-384975 Datasheet
58Kb / 1P
1,27 SRC P, 4-polig
More results

Similar Description - 3849

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3709 3M-3709 Datasheet
29Kb / 2P
050 Round Conductor Flat Cable
23-Jun-1999
3749 3M-3749 Datasheet
27Kb / 2P
025 Round Conductor Flat Cable
19-Feb-1999
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
Round Conductor, Flat Cable, IDC Connectors
logo
3M Electronics
HF625 3M-HF625 Datasheet
917Kb / 3P
3M??Round Conductor Flat Cable
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M??Round Conductor Flat Cable
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com