Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LATBT66B Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LATBT66B
Description  Enhanced optical Power LED (HOP2000 / ATON짰)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT66B Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LATBT66B Datasheet HTML 7Page - OSRAM GmbH LATBT66B Datasheet HTML 8Page - OSRAM GmbH LATBT66B Datasheet HTML 9Page - OSRAM GmbH LATBT66B Datasheet HTML 10Page - OSRAM GmbH LATBT66B Datasheet HTML 11Page - OSRAM GmbH LATBT66B Datasheet HTML 12Page - OSRAM GmbH LATBT66B Datasheet HTML 13Page - OSRAM GmbH LATBT66B Datasheet HTML 14Page - OSRAM GmbH LATBT66B Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LATB T66B
2002-05-24
11
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
blue (1 Chip on)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
blue (3 Chips on)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
blue (1 Chip on)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
blue (3 Chips on)
OHL01405
0
F
I
10
10
-5
-4
-3
10
10
-2 10-1 100
s
10
1
10
2
p
t
0.05
0.10
0.15
0.20
0.25
0.30
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
A
D
T
t
=
P
t
T
P
IF
OHL01576
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.2
0.05
0.10
0.15
0.20
0.30
0.1
0.25
OHL01579
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
0.1
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.25
OHL01577
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
0.1
D =
10
-4 10-3 10-2 10-1 100 101
0
0.05
0.10
A
2
10
s
0.5
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com