Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LATBT66B Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LATBT66B
Description  Enhanced optical Power LED (HOP2000 / ATON짰)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT66B Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LATBT66B Datasheet HTML 9Page - OSRAM GmbH LATBT66B Datasheet HTML 10Page - OSRAM GmbH LATBT66B Datasheet HTML 11Page - OSRAM GmbH LATBT66B Datasheet HTML 12Page - OSRAM GmbH LATBT66B Datasheet HTML 13Page - OSRAM GmbH LATBT66B Datasheet HTML 14Page - OSRAM GmbH LATBT66B Datasheet HTML 15Page - OSRAM GmbH LATBT66B Datasheet HTML 16Page - OSRAM GmbH LATBT66B Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LATB T66B
2002-05-24
13
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Gewicht / Approx. weight: 34 mg
14
23
Package marking
GPLY6900
2.6 (0.102)
2.1 (0.083)
2.3 (0.091)
3.0 (0.118)
0.8 (0.031)
0.6 (0.024)
0.1 (0.004) typ
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
1.7 (0.067)
2.1 (0.083)
0.9 (0.035)
0.7 (0.028)
1
Cathode
Amber (A)
2
Anode
A, T, B
3
Cathode
Blue (B)
4
Cathode
True Green (T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com