Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-T..RIA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-T..RIA
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-T..RIA Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-T..RIA_V01 Datasheet HTML 1Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 2Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 3Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 4Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 5Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 6Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 7Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 8Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
VS-T..RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
5
Document Number: 93756
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
500
600
700
800
900
1000
1100
1200
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
T50RIA.. Series
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
500
600
700
800
900
1000
1100
1200
1300
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
T50RIA.. Series
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T50RIA.. Series
T = 125°C
J
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1) (2)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Rectangular gate pulse
(1) PGM = 10W, tp = 5ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 50W, tp = 1ms
(4) PGM = 100W, tp = 500µs
<=30% rated di/dt : 20V, 65ohms
tr=1µs, tp>=6µs
T50RIA.. Series
Frequency Limited by PG(AV)
rated di/dt : 20V, 30ohms;
tr=0.5µs, tp>=6µs
(3) (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com