Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-T..RIA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-T..RIA
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-T..RIA Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VS-T..RIA_V01 Datasheet HTML 3Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 4Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 5Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 6Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 7Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 8Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 9Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 10Page - Vishay Siliconix VS-T..RIA_V01 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VS-T..RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
7
Document Number: 93756
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - On-State Voltage Drop Characteristics
Fig. 16 - Gate Characteristics
700
800
900
1000
1100
1200
1300
1400
1500
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
T70RIA.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
RRM
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
T70RIA.. Series
1
10
100
1000
00.5
11.5
22.5
33.5
4
T = 25°C
J
Instantaneous On-state Voltage (V)
T70RIA.. Series
T = 125°C
J
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1)
(2)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Rectangular gate pulse
T70RIA.., T90RIA.. Series Frequency Limited by PG(AV)
tr=1µs, tp>=6µs
rated di/dt : 20V, 20ohms;
tr=0.5µs, tp>=6µs
<=30% rated di/dt : 15V, 40ohms
(1) PGM = 12W, tp = 5ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
(4) PGM = 200W, tp = 300µs
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com