Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA Datasheet(PDF) 1 Page - C&K Components

Part # TDA
Description  Ultra-miniature Surface Mount Half-pitch DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDA Datasheet(HTML) 1 Page - C&K Components

  TDA Datasheet HTML 1Page - C&K Components TDA Datasheet HTML 2Page - C&K Components TDA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H
H–6
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TDA Series
Ultra-miniature Surface Mount Half-pitch DIP Switches
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
All switches supplied in “OFF” position.
Specifications
SWITCH FUNCTION: SPST – 1, 2, 4, 6, 8 & 10 positions.
CONTACT RATING:
24 V DC, 25 mA (switching).
50 V DC, 100 mA (steady state).
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles.
CONTACT RESISTANCE: 100 mΩ max.
INSULATION RESISTANCE: 100 MΩ @ 100 V DC min.
DIELECTRIC STRENGTH: 300 V AC min.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 4,9N max.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Features/Benefits
• Bifurcated contact for increased
electrical reliability
• Process sealed for surface
mount soldering and washable
processing
• RoHS compliant
PACKAGING: Switches supplied in rigid dispensing tubes in full
tube quantities only, this may affect order quantity. Numbers
of switches per tube varies with model. Tape and reel packag-
ing quantity varies with model.
Materials
CASE & COVER: PPS (UL94V-0)
ACTUATOR: LCP (UL94V-0).
CONTACTS: Copper alloy, with gold plate over nickel plate.
TERMINALS: Copper alloy, with gold flash over nickel plate.
All terminals are insert molded.
TAPE SEAL: Polyimide.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Note: All switches supplied in “OFF” position.
Typical Applications
• Hand-held electronic devices
• Portable computer and
electronic devices
• Instrumentation and controls
Number of
Positions
TDA01*
TDA02
TDA04
TDA06
TDA08
TDA10
Flush Actuator
H0
Terminations
S
Gull wing
J* J bend
Packaging
NONE Tubes
R T/R
TD A
B
Contact material
B Gold
H 0
1
Sealed
1
* TDA01H0JB1R is not available, TDA01 only offered in tape & reel
NEW


Similar Part No. - TDA

ManufacturerPart #DatasheetDescription
logo
C&K Components
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
Sharma Electro Componen...
TDA SHARMA-TDA Datasheet
447Kb / 2P
Sharma Tantalum Capacitors
logo
List of Unclassifed Man...
TDA 1190Z ETC-TDA 1190Z Datasheet
601Kb / 8P
LINEAR INTEGRATED CIRCUIT
logo
Infineon Technologies A...
TDA 5211 INFINEON-TDA 5211 Datasheet
1Mb / 52P
ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
logo
STMicroelectronics
TDA 7851 STMICROELECTRONICS-TDA 7851 Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
More results

Similar Description - TDA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA10H0SK1R ETC1-TDA10H0SK1R Datasheet
44Kb / 1P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
ITT Industries
TDA02H0SB1 ITT-TDA02H0SB1 Datasheet
126Kb / 1P
Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
Half Pitch DIP Switches
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
Half Pitch DIP Switches
90HBW02PRT GRAYHILL-90HBW02PRT Datasheet
445Kb / 2P
Surface Mount DIP Switches
logo
C&K Components
TDA01H0SB1 CK-COMPONENTS-TDA01H0SB1 Datasheet
233Kb / 3P
Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
408Kb / 1P
DIP SWITCHES - HALF PITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com