Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA Datasheet(PDF) 2 Page - C&K Components

Part # TDA
Description  Ultra-miniature Surface Mount Half-pitch DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDA Datasheet(HTML) 2 Page - C&K Components

  TDA Datasheet HTML 1Page - C&K Components TDA Datasheet HTML 2Page - C&K Components TDA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
DIM. ‘B
PER TUBE
TDA01H0SB1
1
2,40
NA
NA
TDA02H0_B1
2
3,67
1,27
125
TDA04H0_B1
4
6,21
3,81
70
TDA06H0_B1
6
8,75
6,35
50
TDA08H0_B1
8
11,29
8,89
40
TDA10H0_B1
10
13,83
11,43
30
Schematic
SPST
H
H–7
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TDA Series
Ultra-miniature Surface Mount Half-pitch DIP Switches
TAPE SEAL
0,4
2,2
2,3
0,57
1,06
8,12
0,15
6,2
6,0
78
6
5
4
3
2
1
ON
TDA08
C&K
0,8
CHAMFER
1,2
1,27
DIM 'A'
0,45
0,76
1,27
7,62
6,35 8,89
TYP.
1,27
Tape & Reel Package
TDA08H0SB1
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘W’
PER REEL
TDA01H0SB1R*
1
16,0
2500
TDA02H0_B1R
2
16,0
2000
TDA04H0_B1R
4
16,0
2000
TDA06H0_B1R
6
16,0
2000
TDA08H0_B1R
8
24,0
2000
TDA10H0_B1R
10
24,0
2000
3,0
MARKING LABEL
EMBOSSED
CARRIER
DIRECTION OF FEED
REF
2,0
DIM 'W'
SEE CHART
12,0
REEL
DIAMETER
330mm
DIRECTION OF FEED
Tube Package
500,0
REF
4,40
REF
2,10
MARKING LABEL
ON END OF TUBE
REF
11,20
REF
3,40
0 ~5
0,1
DIM ’A’
SEE CHART
1,27 TYP
6,35
TYP
6,97
3,77
1,27 TYP
0,76 TYP
6,2
2,35
DIM 'B'
SEE CHART
1,2
0,45 TYP
2,2
5,37
1 TYP
0,15 TYP
2X 0,8
CHAMFER
DATE CODE
PART NUMBER
TAPE SEAL
SEE DETAIL
TDA10H0JB1
* see next page for TDA01 tape & reel drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com