Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP Datasheet(PDF) 2 Page - C&K Components

Part # TDP
Description  Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDP Datasheet(HTML) 2 Page - C&K Components

  TDP Datasheet HTML 1Page - C&K Components TDP Datasheet HTML 2Page - C&K Components TDP Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
H
H–4
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
Flush Actuator-No Top Tape,
Surface Mount Terminals
NO.
DIM
DIM
QUANTITY
PART NUMBER
POS.
‘A’
“B”
PER TUBE
TDP02H0SBD1
2
0.144 (3,67)
0.050 (1,27)
125
TDP04H0SBD1
4
0.244 (6,21)
0.150 (3,81)
70
TDP06H0SBD1
6
0.344 (8,74)
0.250 (6,35)
50
TDP08H0SBD1
8
0.444 (11,29)
0.350 (8,89)
40
TDP10H0SBD1
10
0.544 (13,82)
0.450 (11,43)
30
Schematic
SPST
TDP Series
Ultra-miniature Surface Mount
Half-pitch Side-Actuated DIP Switches
0.022
(0,57)
0.042
(1,06)
0.320
(8,12)
0.006
(0,15)
0.228
(5,8)
100
0.236
(6,0)
0.030
(0,76)
0.050
(1,27)
0.300
(7,62)
0.250
(6,35)
0.350
(8,89)
DIM 'B'
0.161
(4,1)
0.023
(0,6)
0.012/0.004
(0,3/0,1)
O
N 1
2
3
4
56
78
CHAMFER
0.047
(1,2)
0.050 TYP.
(1,27)
DIM 'A'
0.018
(0,45)
DATE
CODE
2X 0.039 (1,0)
TDP08
5A
C&K
1
2
3
4
56
78
CHAMFER
0.047
(1,2)
0.050 TYP.
(1,27)
DIM 'A'
0.018
(0,45)
DATE
CODE
2X 0.039 (1,0)
TDP08
5A
C&K
1
2
3
4
56
78
0.161
(4,1)
0.164 MAX.
(4,16)
0.023
(0,6)
0.012/0.004
(0,3/0,1)
O
N
TAPE SEAL
1
2
3
4
56
78
0.030
(0,76)
0.050
(1,27)
0.300
(7,62)
0.250
(6,35)
0.350
(8,89)
DIM 'B'
0.022
(0,57)
0.042
(1,06)
0.320
(8,12)
0.006
(0,15)
0.228
(5,8)
100
0.239
(6,06)
0.236
(6,0)
TAPE
SEAL
Flush Actuator-with Top Tape,
Surface Mount Terminals
NO.
DIM
DIM
QUANTITY
PART NUMBER
POS.
‘A’
“B”
PER TUBE
TDP02H0SB1
2
0.144 (3,67)
0.050 (1,27)
125
TDP04H0SB1
4
0.244 (6,21)
0.150 (3,81)
70
TDP06H0SB1
6
0.344 (8,74)
0.250 (6,35)
50
TDP08H0SB1
8
0.444 (11,29)
0.350 (8,89)
40
TDP10H0SB1
10
0.544 (13,82)
0.450 (11,43)
30
Schematic
SPST



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com